Electronic Components Datasheet Search
  English  ▼

X  

UTCPC1353 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCPC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCPC1353 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCPC1353 Datasheet HTML 1Page - Unisonic Technologies UTCPC1353 Datasheet HTML 2Page - Unisonic Technologies UTCPC1353 Datasheet HTML 3Page - Unisonic Technologies UTCPC1353 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCPC1353
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R111-002,A
TV AUDIO PROCESSING CIRCUIT
DESCRIPTION
UTC PC1353 is designed for TV SIF signal amplification
and audio power amplification purpose. It includes SIF
amplifier, FM, frequency discriminator, DC volume control,
2.4W power amplifier and voltage regulator.
FEATURES
* Wide operating supply voltage,9V ~ 18V
When VCC=18V,RL=8
Ω,Output is 2.4W(17"TV)
When VCC=12V,RL=8
Ω,Output is 1.2W(12"TV)
* Linear volume control
* Low harmonic distortion
* Differential peak detector
* Attenuation circuit for noise suppression(Typical80dB)
DIP-14H
APPLICATION CIRCUIT
6
11
8
9
10
5
7
4
3
14
12
13
1
2
attenuator
IF voltage
regulation
IF amplifier
limiter
Mute
Frequency
discreminator
Power AMP
output
TAB
RB
220
µF
4.7
µF
0.015
µF
IF discreminator
output
IF power
input
Deweighting
Vcc
100
µF
330
µF
47
µF
470pF
22
Ω
10pF
22k
Ω
VR
5k
Ω
270
Ω
Volume
control
Input
coil
FM
discreminator
coil
Decoupling
Bootstrap
Power for
audio output
Negative
Feedback
Fig 1


Similar Part No. - UTCPC1353

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1316 UTC-UTCPC1316 Datasheet
210Kb / 4P
LINEAR INTEGRATED CIRCUIT
UTCPC1366 UTC-UTCPC1366 Datasheet
95Kb / 4P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UTCPC1353

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
Integrated Circuit TV Video Signal Processing Circuit
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
Integrated Circuit TV Video Processing Circuit
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
Integrated Circuit Color TV Processing Circuit
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
Color TV Deflection Signal Processing Circuit
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
Video Signal Processing Circuit for TV Cameras
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
Digital audio processing circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
Digital Control Audio Processing Circuit
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
Digital Control Audio Processing Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com