Electronic Components Datasheet Search
  English  ▼

X  

UTCPC1353 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCPC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCPC1353 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCPC1353 Datasheet HTML 1Page - Unisonic Technologies UTCPC1353 Datasheet HTML 2Page - Unisonic Technologies UTCPC1353 Datasheet HTML 3Page - Unisonic Technologies UTCPC1353 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTCPC1353
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R111-002,A
3.AUDIO POWER AMPLIFIER(VCC=12V,RB=100
Ω,RL=8Ω,f=400HZ,RG=600Ω)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Gain
GVAF
Vi=30mVrms
33
37
41
dB
Output Power
POA
THD=10%
0.9
1.2
W
Output Power
POB
VCC=18V,RB=330
Ω
THD=10%
2.0
2.4
W
Distortion
THD2A
PO=0.5W
0.6
2.0
%
Distortion
THD2B
VCC=18V,RB=330
Ω
PO=0.5W
0.5
2.0
%
Total Distortion(IF+Audio)
THD3
PO=0.5W
Vi=10mVrms
v
1.5
4.0
%
TEST CIRCUIT
3
7
4
11
14
6
5
2
10
8
1
12
13
TAB
9
V1
V14
V5
I5
VV
KF
I10
KF
VV
VV
VV
Amp
Gainæ=60dB
220
µF
330
µF
220
µF
10pF
0.022
µF
0.01
µF
47
µF
47
µF
0.015
µF
47
µF
47
µF
100
µF
600
Ω
22k
Ω
5k
Ω
RG=50
Ω
Audio signal
f=400Hz
DCM
DVM
DVM
IF signal
f=6.5MHz
RB
S4
S3
S1
S2
RB : Vcc 12V:100
Ω
Vcc 18V:330
Ω
KF
VV AC voltmeter
Distortion
meter
UTC PC1353
Vcc
12V or 18V
Fig 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com