Electronic Components Datasheet Search
  English  ▼

X  

DG642 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG642
Description  Low On-Resistance Wideband/Video Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG642 Datasheet HTML 1Page - Vishay Siliconix DG642 Datasheet HTML 2Page - Vishay Siliconix DG642 Datasheet HTML 3Page - Vishay Siliconix DG642 Datasheet HTML 4Page - Vishay Siliconix DG642 Datasheet HTML 5Page - Vishay Siliconix DG642 Datasheet HTML 6Page - Vishay Siliconix DG642 Datasheet HTML 7Page - Vishay Siliconix DG642 Datasheet HTML 8Page - Vishay Siliconix DG642 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DG641/642/643
Vishay Siliconix
Document Number: 70058
S-52433—Rev. E, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-1
Low On-Resistance Wideband/Video Switches
FEATURES
BENEFITS
APPLICATIONS
D Wide Bandwidth: 500 MHz
D Low Crosstalk at 5 MHz: –85 dB
D Low rDS(on): 5 W, DG642
D TTL Logic Compatible
D Fast Switching: tON 50 ns
D Single Supply Compatibility
D High Current: 100 mA, DG642
D High Precision
D Improved Frequency Response
D Low Insertion Loss
D Improved System Performance
D Reduced Board Space
D Low Power Consumption
D RF and Video Switching
D RGB Switching
D Video Routing
D Cellular Communications
D ATE
D Radar/FLIR Systems
D Satellite Receivers
D Programmable Filters
DESCRIPTION
The DG641/642/643 are high performance monolithic video
switches designed for switching wide bandwidth analog and
digital signals. DG641 is a quad SPST, DG642 is a single
SPDT, and DG643 is a dual SPDT function. These devices
have exceptionally low on-resistances (5
W typ—DG642), low
capacitance and high current handling capability.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG641/642/643 are built on the
Vishay Siliconix proprietary D/CMOS process. Each switch
conducts equally well in both directions when on, and blocks
up to 14 Vp-p when off. An epitaxial layer prevents latchup.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLEDG642
SW1, SW2
OFF
ON
DG641
IN1
IN2
D1
D2
S1
S2
V–
V+
GND
GND
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLEDG641
Logic “0”
v 0.8 V
Logic “1”
w 2.4 V
Logic
Switch
0
1
OFF
ON
Logic “0”
v 0.8 V
Logic “1”
w 2.4 V
Logic
SW2
0
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 2.4 V
Logic
0
1
DG642
D2
GND
Dual-In-Line and SOIC
S2
S1
IN
D1
V+
V–
1
2
3
4
8
7
6
5
Top View
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
GND
GND
S1
S2
V–
V+
S4
S3
GND
GND
D4
D3
Dual-In-Line and SOIC
DG643
SW1
OFF
ON
SW3, SW4
ON
OFF
TRUTH TABLEDG643


Similar Part No. - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642 VISHAY-DG642 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642 VISHAY-DG642 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642 VISHAY-DG642 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642DJ VISHAY-DG642DJ Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642DJ VISHAY-DG642DJ Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results

Similar Description - DG642

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
Low On-Resistance Wideband/Video Quad with Individual Control
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Vishay Siliconix
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Vishay Siliconix
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com