Electronic Components Datasheet Search
  English  ▼

X  

DG642 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG642
Description  Low On-Resistance Wideband/Video Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG642 Datasheet HTML 1Page - Vishay Siliconix DG642 Datasheet HTML 2Page - Vishay Siliconix DG642 Datasheet HTML 3Page - Vishay Siliconix DG642 Datasheet HTML 4Page - Vishay Siliconix DG642 Datasheet HTML 5Page - Vishay Siliconix DG642 Datasheet HTML 6Page - Vishay Siliconix DG642 Datasheet HTML 7Page - Vishay Siliconix DG642 Datasheet HTML 8Page - Vishay Siliconix DG642 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG641/642/643
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70058
S-52433—Rev. E, 06-Sep-99
SPECIFICATIONS FOR DG642
Test Conditions
Unless Otherwise Specified
Limits
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –3 V
VINH = 2.4 V, VINL = 0.8 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VANALOG
V– = –5 V, V+ = 12 V
Full
–5
8
V
Analog Signal Ranged
VANALOG
V– = GND, V+ = 12 V
Full
0
8
V
Drain-Source On-Resistance
rDS(on)
IS = –10 mA, VD = 0 V
Room
Full
5
8
9
W
rDS(on) Match
DrDS(on)
S
,
D
Room
0.5
1
Source Off Leakage Current
IS(off)
VS = 0 V, VD = 10 V
Room
Full
–10
–200
–0.04
10
200
A
Drain Off Leakage Current
ID(off)
VS = 10 V, VD = 0V
Room
Full
–10
–200
–0.04
10
200
nA
Channel On Leakage Current
ID(on)
VS = VD = 0 V
Room
Full
–10
–200
–0.2
10
200
Digital Control
Input Voltage High
VINH
Full
2.4
V
Input Voltage Low
VINL
Full
0.8
V
Input Current
IIN
VIN = GND or V+
Room
Full
–1
–20
0.05
1
20
mA
Dynamic Characteristics
On State Input Capacitanced
CS(on)
VS = VD = 0 V
Room
19
40
F
Off State Input Capacitanced
CS(off)
VS = 0 V
Room
8
20
pF
Off State Output Capacitanced
CD(off)
VD = 0 V
Room
8
20
Bandwidth
BW
RL = 50 W, See Figure 6
Room
500
MHz
Turn On Time
tON
RL = 1 kW, CL = 35 pF, See Figure 2
Room
Full
60
100
160
ns
Turn Off Time
tOFF
RL = 1 kW, CL = 35 pF, See Figure 2
Room
Full
40
60
100
ns
Charge Injection
Q
CL = 1000 pF, VD = 0 V, See Figure 3
Room
–40
pC
Off Isolation
RIN = 75 W, RL = 75 W, f = 5 MHz
See Figure 4
Room
–63
dB
All Hostile Crosstalk
XTALK(AH)
RIN = 10 W, RL = 75 W, f = 5 MHz
See Figure 5
Room
–85
dB
Power Supplies
Positive Supply Current
I+
VIN = 0 V or VIN = 5 V
Room
Full
3.5
6
9
mA
Negative Supply Current
I–
VIN = 0 V or VIN = 5 V
Room
Full
–6
–9
–3
mA
Notes:
a.
Room = 25
_C, Full = as determined by the operating temperature suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
Guaranteed by design, not subject to production test.
e.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com