Electronic Components Datasheet Search
  English  ▼

X  

DG642 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG642
Description  Low On-Resistance Wideband/Video Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG642 Datasheet HTML 1Page - Vishay Siliconix DG642 Datasheet HTML 2Page - Vishay Siliconix DG642 Datasheet HTML 3Page - Vishay Siliconix DG642 Datasheet HTML 4Page - Vishay Siliconix DG642 Datasheet HTML 5Page - Vishay Siliconix DG642 Datasheet HTML 6Page - Vishay Siliconix DG642 Datasheet HTML 7Page - Vishay Siliconix DG642 Datasheet HTML 8Page - Vishay Siliconix DG642 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DG641/642/643
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-2
Document Number: 70058
S-52433—Rev. E, 06-Sep-99
ORDERING INFORMATION
Temp Range
Package
Part Number
DG641
–40 to 85
_C
16-Pin Plastic DIP
DG641DJ
–40 to 85
_C
16-Pin Narrow SOIC
DG641DY
DG642
–40 to 85
_C
8-Pin Plastic DIP
DG642DJ
–40 to 85
_C
8-Pin Narrow SOIC
DG642DY
DG643
–40 to 85
_C
16-Pin Plastic DIP
DG643DJ
–40 to 85 C
16-Pin Narrow SOIC
DG643DY
ABSOLUTE MAXIMUM RATINGS
V+ to V–
–0.3 V to 21 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V+ to GND
–0.3 V to 21 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V– to GND
–19 V to +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputs
(V–) –0.3 V to (V+) +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
or 20 mA, whichever occurs first
VS, VD
(V–) –0.3 V to (V–) +14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
or 20 mA, whichever occurs first
Continuous Current (Any Terminal Except S or D)
20 mA
. . . . . . . . . . . . . . . .
Continuous Current S or D: DG641/643
75 mA
. . . . . . . . . . . . . . . . . . . . . . .
DG642
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Current, S or D (Pulsed 1 ms, 10% duty cycle max)
DG641/643
200 mA
. . . . . . . . . . . . . . . . . . . . . .
DG642
300 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 125
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
8-Pin Plastic DIP and Narrow SOICc
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Plastic DIPd
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow SOICe
600 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 7.6 mW/
_C above 75_C
d.
Derate 6 mW/
_C above 75_C
e.
Derate 80 mW/
_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
D
S
V+
IN
V–
5 V
Reg
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com