Electronic Components Datasheet Search
  English  ▼

X  

DG202BAK/883 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG202BAK/883
Description  Improved Quad CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG202BAK/883 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG202BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DG201B/202B
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-6
Document Number: 70037
S-52433—Rev. G, 06-Sep-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
1012
1416
1820
100
200
300
400
500
V– = 0 V
ton
toff
Switching Time vs. Single Supply Voltage
0
100
200
300
400
ton
toff
Switching Time vs. Power Supply Voltage
0
"4
"8
"12
"16
"20
–15
–10
–5
0
5
10
15
30
20
10
0
–10
–20
–30
V+ = 15 V
V– = –15 V
V+ = 12 V
V– = 0 V
QS, QD – Charge Injection vs. Analog Voltage
10 k
100 k
1 M
10 M
40
50
60
70
80
90
100
110
120
Off Isolation vs. Frequency
V+ = 15 V
V– = –15 V
RL = 50 W
1 k
10 k
100 k
1 M
4
3
2
1
0
Supply Current vs. Switching Frequency
V+ – Positive Supply (V)
V+, V– Positive and Negative Supplies (V)
VANALOG – Analog Voltage (V)
f – Frequency (Hz)
f – Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com