Electronic Components Datasheet Search
  English  ▼

X  

DG202BAK/883 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG202BAK/883
Description  Improved Quad CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG202BAK/883 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG202BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG201B/202B
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70037
S-52433—Rev. G, 06-Sep-99
SPECIFICATIONS FOR SINGLE SUPPLYa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = 0 V
VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
VD = 3 V, 8 V, IS = 1 mA
Room
Full
90
160
200
160
200
W
Dynamic Characteristics
Turn-On Time
tON
VS = 8 V
S
S it hi
Ti
T
t Ci
it
Room
120
300
300
ns
Turn-Off Time
tOFF
S
See Switching Time Test Circuit
Room
60
200
200
ns
Charge Injection
Q
CL = 1 nF, Vgen= 6 V, Rgen = 0 W
Room
4
pC
Power Supply
Positive Supply Current
I+
VIN =0or5V
Room
Full
50
100
50
100
mA
Negative Supply Current
I–
VIN = 0 or 5 V
Room
Full
-1
-5
-1
-5
mA
Power Supply Range for
Continuous Operation
VOP
Full
)
4.5
)
25
)
4.5
)
25
V
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com