Electronic Components Datasheet Search
  English  ▼

X  

DG202BAK/883 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG202BAK/883
Description  Improved Quad CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG202BAK/883 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG202BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG202BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DG201B/202B
Vishay Siliconix
Document Number: 70037
S-52433—Rev. G, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–20 –16 –12
–8
–4
0
4
8
12
16
20
40
50
60
70
80
90
100
110
0
10
20
30
40
50
–15
–10
–5
0
5
10
15
02468
10
12
14
16
0
25
50
75
100
125
150
175
200
225
0
0.5
1
1.5
2
2.5
"5 V
rDS(on) vs. VD and Power Supply Voltages
VD – Drain Voltage (V)
"10 V
"15 V
"20 V
rDS(on) vs. VD and Temperature
VD – Drain Voltage (V)
125
_C
85
_C
25
_C
–55
_C
V+ = 15 V
V– = –15 V
rDS(on) vs. VD and Single Power Supply Voltages
VD – Drain Voltage (V)
Input Switching Threshold vs. Supply Voltage
4
6
8
10
1214
1618
20
V+ = 5 V
7 V
10 V
12 V
15 V
30
20
10
60
70
80
90
100
250
IS(off), ID(off)
ID(on)
–20
–15
–10
–5
0
5
10
15
20
80
60
40
20
0
–20
–40
–60
–80
Temperature (
_C)
Leakage Currents vs. Analog Voltage
–55
25
45
5
–15
65
1 nA
100 pA
10 pA
–35
1 pA
85
105 125
V+ = 15 V
V– = –15 V
VS, VD = "14 V
IS(off), ID(off)
Temperature (
_C)
Leakage Currents vs. Temperature
V+ Positive Supply (V)
V+ = 22 V
V– = –22 V
TA = 25_C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com