Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 5Page - Maxim Integrated Products MAX11044 Datasheet HTML 6Page - Maxim Integrated Products MAX11044 Datasheet HTML 7Page - Maxim Integrated Products MAX11044 Datasheet HTML 8Page - Maxim Integrated Products MAX11044 Datasheet HTML 9Page - Maxim Integrated Products MAX11044 Datasheet HTML 10Page - Maxim Integrated Products MAX11044 Datasheet HTML 11Page - Maxim Integrated Products MAX11044 Datasheet HTML 12Page - Maxim Integrated Products MAX11044 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
9
Pin Description
PIN
TQFP
TQFN
NAME
FUNCTION
1
56
DB14
16-Bit Parallel Data Bus Digital Out Bit 14
2
1
DB13
16-Bit Parallel Data Bus Digital Output Bit 13
3
2
DB12
16-Bit Parallel Data Bus Digital Output Bit 12
4
3
DB11
16-Bit Parallel Data Bus Digital Output Bit 11
5
4
DB10
16-Bit Parallel Data Bus Digital Output Bit 10
6
5
DB9
16-Bit Parallel Data Bus Digital Output Bit 9
7
6
DB8
16-Bit Parallel Data Bus Digital Output Bit 8
8, 22, 59
7, 21, 50
DGND
Digital Ground
9, 21, 60
8, 20, 51
DVDD
Digital Supply. Bypass to DGND with a 0.1μF capacitor at each DVDD input.
10
9
DB7
16-Bit Parallel Data Bus Digital Output Bit 7
11
10
DB6
16-Bit Parallel Data Bus Digital Output Bit 6
12
11
DB5
16-Bit Parallel Data Bus Digital Output Bit 5
13
12
DB4
16-Bit Parallel Data Bus Digital Output Bit 4
14
13
DB3
16-Bit Parallel Data Bus Digital I/O Bit 3
15
14
DB2
16-Bit Parallel Data Bus Digital I/O Bit 2
16
15
DB1
16-Bit Parallel Data Bus Digital I/O Bit 1
17
16
DB0
16-Bit Parallel Data Bus Digital I/O Bit 0
18
17
EOC
Active-Low, End-of-Conversion Output.
EOC goes low when a conversion is completed.
EOC goes high when a conversion is initiated.
19
18
CONVST
Convert Start Input. The rising edge of CONVST ends sample and starts a conversion on
the captured sample. The ADC is in acquisition mode when CONVST is low and CONVST
mode = 0.
20
19
SHDN
Shutdown Input. If SHDN is held high, the entire device will enter and stay in a low-current
state. Contents of the configuration register are not lost when in the shutdown state.
23, 28, 32,
38, 43, 49,
53, 58
23, 27, 33,
38, 44, 48
AGNDS
Signal Ground. Connect all AGND and AGNDS inputs together.
24, 29, 35,
46, 52, 57
24, 30,
41, 47
AVDD
Analog Supply Input. Bypass AVDD to AGND with a 0.1μF capacitor at each AVDD input.
25, 30, 36,
45, 51, 56
25, 31,
40, 46
AGND
Analog Ground. Connect all AGND inputs together.
26, 55
—RDC_SENSE
Reference Buffer Sense Feedback. Connect to RDC plane. Internally connected on the
56-pin TQFN parts
27, 33, 40,
48, 54
22, 28,
35, 43, 49
RDC
Reference Buffer Decoupling. Connect all RDC outputs together. Bypass to AGND with at
least a 80μF total capacitance. See the Layout, Grounding, and Bypassing section.
31
26
CH0
Channel 0 Analog Input
34
29
CH1
Channel 1 Analog Input
37
32
CH2
Channel 2 Analog Input
39
34
CH3
Channel 3 Analog Input
41
36
REFIO
External Reference Input/Internal Reference Output. Place a 0.1μF capacitor from REFIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com