Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 2Page - Maxim Integrated Products MAX11044 Datasheet HTML 3Page - Maxim Integrated Products MAX11044 Datasheet HTML 4Page - Maxim Integrated Products MAX11044 Datasheet HTML 5Page - Maxim Integrated Products MAX11044 Datasheet HTML 6Page - Maxim Integrated Products MAX11044 Datasheet HTML 7Page - Maxim Integrated Products MAX11044 Datasheet HTML 8Page - Maxim Integrated Products MAX11044 Datasheet HTML 9Page - Maxim Integrated Products MAX11044 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
6
_______________________________________________________________________________________
1.2
2.4
3.6
4.8
6.0
7.2
0
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
MAX11046 CONVERTING
MAX11044
CONVERTING
MAX11044/MAX11045/
MAX11046 STATIC
VDVDD = 3.3V
fSAMPLE = 250ksps
CDBxx = 15pF
TEMPERATURE (°C)
60
35
10
-15
-40
85
MAX11045 CONVERTING
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. TEMPERATURE
1
2
3
4
5
0
TEMPERATURE (°C)
60
35
10
-15
-40
85
VAVDD = 5.0V
VDVDD = 3.3V
IAVDD
IDVDD
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. SUPPLY VOLTAGE
1
2
3
4
5
0
AVDD AND DVDD (V)
4.75
4.25
3.75
3.25
2.75
5.25
TA = +25°C
IAVDD
IDVDD
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
4.084
4.088
4.092
4.096
4.104
4.100
4.108
4.112
4.080
LOWER TYPICAL LIMIT
UPPER TYPICAL LIMIT
VAVDD = 5.0V
TEMPERATURE (°C)
60
35
10
-15
-40
85
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. TEMPERATURE
-0.006
-0.002
0.002
0.006
0.010
-0.010
OFFSET ERROR
OFFSET ERROR MATCHING
VAVDD = 5.0V
VREFIO = 4.096V
TEMPERATURE (°C)
60
35
10
-15
-40
85
4.09495
4.09500
4.09505
4.09510
4.09515
4.09520
4.09490
INTERNAL REFERENCE VOLTAGES
vs. SUPPLY VOLTAGE
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
TA = +25°C
VRDC
VREFIO
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. SUPPLY VOLTAGE
-0.006
-0.002
0.002
0.006
0.010
-0.010
OFFSET ERROR MATCHING
TA = +25°C
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
OFFSET ERROR
Typical Operating Characteristics (continued)
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com