Electronic Components Datasheet Search
  English  ▼

X  

BA3474F Datasheet(PDF) 2 Page - Rohm

Part # BA3474F
Description  SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474F Datasheet(HTML) 2 Page - Rohm

  BA3474F Datasheet HTML 1Page - Rohm BA3474F Datasheet HTML 2Page - Rohm BA3474F Datasheet HTML 3Page - Rohm BA3474F Datasheet HTML 4Page - Rohm BA3474F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. D
○ELECTRICAL CHARACTERISTICS (unless otherwise specified VCC=+15[V]、VEE=-15[V]、Ta=25[℃])
Parameter
Symbol
Guaranteed Limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage (*5)
Vio
-
1
10
mV
Vicm=0[V],Vout=0[V]
-
1.5
10
VCC=5[V],VEE=0[V],Vicm=0[V],VOUT=VCC/2
Input Offset Current (*5)
Iio
-
6
75
nA
Vicm=0[V],Vout=0[V]
Input Bias Current (*5)
Ib
-
100
500
nA
Vicm=0[V],Vout=0[V]
Supply Current
ICC
-
8
11
mA
RL=∞ All Op-Amps
High Level Output Voltage
VOH
3.7
4
-
V
VCC=5[V],RL=2[kΩ]
13.7
14
-
RL=10[kΩ]
13.5
-
-
RL=2[kΩ]
Low Level Output Voltage
VOL
-
0.1
0.3
V
VCC=5[V],RL=2[kΩ]
-
-14.7
-14.3
RL=10[kΩ]
-
-
-13.5
RL=2[kΩ]
Large Signal Voltage Gain
AV
80
100
-
dB
RL≧2[kΩ],Vout=±10[V]
Input Common-mode
Voltage Range
Vicm
0
-
VCC-2.0
V
VCC=5[V],VEE=0[V],VOUT=VCC/2
Common-mode Refection Ratio
CMRR
60
97
-
dB
Vicm=0[V],Vout=0[V]
Power Supply Rejection Ratio
PSRR
60
97
-
dB
Vicm=0[V],Vout=0[V]
Output Source Current (*6)
IOH
10
30
-
mA
VIN+=1[V],VIN-=0[V],Vout=0[V],
Only 1CH is short circuit
Output Sink Current (*6)
IOL
20
30
-
mA
VIN+=0[V],VIN-=1[V],Vout=5[V],
Only 1CH is short circuit
Maximum Frequency
ft
-
4
-
MHz
Slew rate
SR
-
10
-
V/μs
Av=1,Vin=-10 to +10[V],RL=2[kΩ]
Channel Separation
CS
-
120
-
dB
(*5)
Absolute value.
(*6)
Under the high temperature environment, consider the power dissipation of IC when select the output current.
When output terminal short circuits continuously, the output current reduce to climb temperature inside IC by flash.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com