Electronic Components Datasheet Search
  English  ▼

X  

BA3474F Datasheet(PDF) 4 Page - Rohm

Part # BA3474F
Description  SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474F Datasheet(HTML) 4 Page - Rohm

  BA3474F Datasheet HTML 1Page - Rohm BA3474F Datasheet HTML 2Page - Rohm BA3474F Datasheet HTML 3Page - Rohm BA3474F Datasheet HTML 4Page - Rohm BA3474F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. D
(5) Power dissipation(Pd)
If the IC is used under excessive power dissipation. An increase in the chip temperature will cause
deterioration of the radical characteristics of IC.
For example, reduction of current capability. Take consideration of the effective power dissipation and thermal
design with a sufficient margin. Pd is reference to the provided power dissipation curve.
(6) Short circuits between pins and incorrect mounting
Short circuits between pins and incorrect mounting when mounting the IC on a printed circuits board,
take notice of the direction and positioning of the IC.
If IC is mounted erroneously, It may be damaged. Also, when a foreign object is inserted between
output, between output and VCC terminal or VEE terminal which causes short circuit, the IC may be damaged.
(7) Using under strong electromagnetic field
Be careful when using the IC under strong electromagnetic field because it may malfunction.
(8) Usage of IC
When stress is applied to the IC through warp of the printed circuit board,
The characteristics may fluctuate due to the piezo effect.
Be careful of the warp of the printed circuit board.
(9) Output operation
This IC is configured with a push-pull circuit and Class C output stage. Therefore, when load resistance
is connected to the middle point potential of VCC and VEE, this configuration generates crossover
distortion when switching between source and sink current.
To suppress crossover distortion, connect a resistor between the output terminal and VEE then increase
the bias current to enable Class A operation.
(10) Testing IC on the set board
When testing IC on the set board, in cases where the capacitor is connected to the low impedance,
make sure to discharge per fabrication because there is a possibility that IC may be damaged by stress.
When removing IC from the set board, it is essential to cut supply voltage.
As a countermeasure against the static electricity, observe proper grounding during fabrication process
and take due care when carrying and storage it.
(12) The IC destruction caused by capacitive load
The transistors in circuits may be damaged when VCC terminal and VEE terminal is shorted with the charged
output terminal capacitor.
When IC is used as a comparator or as application circuits no constructed negative feed back,
where oscillation is not activated by an output capacitor, the output capacitor must be kept below
0.1[μF] in order to prevent the damage mentioned above.
(13) The oscillation caused by capacitive load
Designed negative feedback circuit using this IC, verify output oscillation caused by capacitive load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com