Electronic Components Datasheet Search
  English  ▼

X  

BA3474F Datasheet(PDF) 1 Page - Rohm

Part # BA3474F
Description  SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474F Datasheet(HTML) 1 Page - Rohm

  BA3474F Datasheet HTML 1Page - Rohm BA3474F Datasheet HTML 2Page - Rohm BA3474F Datasheet HTML 3Page - Rohm BA3474F Datasheet HTML 4Page - Rohm BA3474F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. D
STRUCTURE
SILICON MONOLITHIC INTEGRATED CIRCUIT
FUNCTION
HIGH SLWE RATE QUAD OPERATIONAL AMPLIFIERS
PRODUCT SERIES
BA3474F
BA3474FV
FEATURES
・Operating temperature range(BA3474F:-40~+75[℃], BA3474FV:-40~+85[℃])
・High slew rate (10[V/us] typ.)
・Wide output voltage range (-14.7[V]~14.0[V] with VCC/VEE=+15[V]/-15[V] typ.)
・Operable with a single power supply.(3[V]~36[V])
○ABSOLUTE MAXIMUM RATINGS(Ta=25[℃])
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
BA3474F
610(*1)(*3)
mW
BA3474FV
870(*2)(*3)
Differential Input Voltage (*4)
Vid
36
V
Input Common Voltage Range
Vicm
(VEE-0.3)~VEE+36
V
Operating Temperature
Topr
BA3474F
-40~+75
℃
BA3474FV
-40~+85
Storage Temperature
Tstg
-55~+150
℃
Maximum junction Temperature
Tjmax
150
℃
・This IC is not designed for protection against radioactive rays.
(*1)
To use at temperature above Ta=25[℃] reduce 4.9[mW]/[℃].
(*2)
To use at temperature above Ta=25[℃] reduce 7.0[mW]/[℃].
(*3)
Mounted on a glass epoxy PCB(70[mm]×70[mm]×1.6[mm]).
(*4)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
○OPERATING CONDITION
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
+3.0~+36.0 (Single Supply)
V
±1.5~±18.0 (Split Supply)


Similar Part No. - BA3474F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3474F ROHM-BA3474F Datasheet
571Kb / 21P
High Speed with High Voltage Operational Amplifiers
BA3474F ROHM-BA3474F Datasheet
615Kb / 41P
High Speed with High Voltage Operational Amplifiers
BA3474F ROHM-BA3474F Datasheet
1Mb / 40P
High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
615Kb / 41P
High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
694Kb / 32P
High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3474F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
Silicon Monolithic Integrated Circuit
BD6081GU ROHM-BD6081GU_1 Datasheet
336Kb / 5P
Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
Silicon Monolithic Integrated Circuit
BD6736FV ROHM-BD6736FV Datasheet
203Kb / 5P
Silicon Monolithic Integrated Circuit
BD6962FVM ROHM-BD6962FVM Datasheet
274Kb / 4P
Silicon Monolithic Integrated Circuit
BD9215AFV ROHM-BD9215AFV Datasheet
184Kb / 5P
Silicon Monolithic Integrated Circuit
BD9240FV ROHM-BD9240FV Datasheet
169Kb / 5P
Silicon Monolithic Integrated Circuit
BD9244AFV ROHM-BD9244AFV Datasheet
192Kb / 5P
Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com