Electronic Components Datasheet Search
  English  ▼

X  

BA7622F Datasheet(PDF) 13 Page - Rohm

Part # BA7622F
Description  Standard 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Datasheet(HTML) 13 Page - Rohm

Back Button BA7622F Datasheet HTML 9Page - Rohm BA7622F Datasheet HTML 10Page - Rohm BA7622F Datasheet HTML 11Page - Rohm BA7622F Datasheet HTML 12Page - Rohm BA7622F Datasheet HTML 13Page - Rohm BA7622F Datasheet HTML 14Page - Rohm BA7622F Datasheet HTML 15Page - Rohm BA7622F Datasheet HTML 16Page - Rohm BA7622F Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BA7622F, BA7623F
Technical Note
13/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Reference data (3/5)
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
INPUT FREQUENCY:fin[dB]
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
INPUT FREQUENCY:fin(MHz)
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
INPUT FREQUENCY:fin[MHz]
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
INPUT FREQUENCY [MHz]
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
TEMPERATURE : Ta[℃]
0
0.2
0.4
0.6
0.8
1
4
4.5
5
5.5
6
POWER SUPLLY VOLTAGE : Vcc[V]
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
TEMPERATURE : Ta[℃]
0
0.2
0.4
0.6
0.8
1
44.5
55.5
6
POWER SUPLLY VOLTAGE : Vcc[V]
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
TEMPERATURE[ : Ta℃]
Fig.31 Frequency characteristic (clamp)
vs. Temperature
Fig.33 Frequency characteristic (bias)
vs. Temperature
Fig.32 Frequency characteristic (clamp)
vs. Supply voltage
Fig.34 Frequency characteristic (bias)
vs. Supply voltage
Fig.35 Differential gain (clamp)
vs. Temperature
Fig.36 Differential gain (clamp)
vs. Supply voltage
Fig.37 Differential gain (bias)
vs.Temperature
Fig.38 Differential gain (bias)
vs. Supply voltage
Fig.39 Differential phase (clamp)
vs. Temperature
1Drive
2Drive
BA7622F Ta=25℃
BA7622F
VCC=5V
BA7622F Ta=25℃
BA7622F VCC=5V
BA7622F VCC=5V
BA7622F VCC=5V
BA7622F
Ta=25℃
BA7622F
Ta=25℃
BA7622F
VCC=5V
BA7622F
Ta=25℃
BA7622F VCC=5V
BA7622F Ta=25℃
1Drive
2Drive
1Drive
2Drive
1Drive
2Drive
1Drive
2Drive
1Drive
2Drive
2Drive
1Drive
2Drive
-25C
25C
75C
-25C
25C
75C
5.5V
4.5V
5.0V
5.0V
4.5V
5.5V
1Drive
0
0.2
0.4
0.6
0.8
1
4
4.5
5
5.5
6
POWER SUPLLY VOLTAGE : Vcc[V]
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
TEM PERATURE : Ta[℃]
0
0.2
0.4
0.6
0.8
1
4
4.5
5
5.5
6
POWER SUPLLY VOLTAGE : Vcc[V]
Fig.41 Differential phase (bias)
vs. Temperature
Fig.40 Differential phase (clamp)
vs. Supply voltage
Fig.42 Differential phase (bias)
vs. Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com