Electronic Components Datasheet Search
  English  ▼

X  

BA7622F Datasheet(PDF) 1 Page - Rohm

Part # BA7622F
Description  Standard 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Datasheet(HTML) 1 Page - Rohm

  BA7622F Datasheet HTML 1Page - Rohm BA7622F Datasheet HTML 2Page - Rohm BA7622F Datasheet HTML 3Page - Rohm BA7622F Datasheet HTML 4Page - Rohm BA7622F Datasheet HTML 5Page - Rohm BA7622F Datasheet HTML 6Page - Rohm BA7622F Datasheet HTML 7Page - Rohm BA7622F Datasheet HTML 8Page - Rohm BA7622F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
High-performance Video Driver Series
Standard 3-output
Video Driver
BA7622F, BA7623F
●Description
The BA7622F and BA7623F are video driver ICs with three built-in circuits, developed for video equipment. The three circuits
in the BA7622F, two sync-tip clamp inputs and one bias input, are terminated by internal resistances of 20 kΩ. The BA7623F
output pins cab be connected directly in a DC coupling mode. Each output can drive 2 lines of load (75Ωx2).
Suitable to connect to a 2Vpp output type signal processing LSI and DAC.
●Features
Common
1) 2 lines can be driven from each output
2) Can be operated by Vcc=4.5 V
BA7622F
1) Large output dynamic range (3.3 Vpp, Vcc=5 V)
2) Built-in, 2 clamp input circuits and1 bias input circuit
3) Y signal, C signal, and composite video signal can be driven simultaneously by this particular IC.
BA7623F
1) Wide output dynamic range (3.3 Vpp, Vcc=5 V)
2) Can be directly connected to previous stage circuit
●Applications
TV, VCR, camcorder, and other video equipment.
●Product lineup
Parameter
BA7622F
BA7623F
Input pin configuration
2 clamp input circuits
1 bias input circuit
Previous stage direct connection
(Base direct input)
●Absolute maximum ratings(Ta=25℃)
*1
Reduce by 5.5 mW/
C over
25
C
Parameter
Symbol
Limits
Unit
Supply voltage
VMax
8.0
V
Power dissipation
Pd
550 *1
m W
Operating temperature
Topr
-25~+75
℃
Storage temperature
Tstg
-55~+125
℃
No.09065EAT04


Similar Part No. - BA7622F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
75??driver IC with 3 internal circuits
More results

Similar Description - BA7622F

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
logo
Guangdong Kexin Industr...
2SA1724 KEXIN-2SA1724 Datasheet
374Kb / 3P
Video Output Driver Applications
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
Wide Band 3-output Video Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
Standard Definition Video Filter Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
Standard Definition Video Driver
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com