Electronic Components Datasheet Search
  English  ▼

X  

BA7622F Datasheet(PDF) 8 Page - Rohm

Part # BA7622F
Description  Standard 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Datasheet(HTML) 8 Page - Rohm

Back Button BA7622F Datasheet HTML 4Page - Rohm BA7622F Datasheet HTML 5Page - Rohm BA7622F Datasheet HTML 6Page - Rohm BA7622F Datasheet HTML 7Page - Rohm BA7622F Datasheet HTML 8Page - Rohm BA7622F Datasheet HTML 9Page - Rohm BA7622F Datasheet HTML 10Page - Rohm BA7622F Datasheet HTML 11Page - Rohm BA7622F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BA7622F, BA7623F
Technical Note
8/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Pin descriptions (2/2)
BA7623F
Pin
No.
Pin
name
IN
OUT
Typical
voltage
Equivalent Circuit
Function
1
GND
○
―
0V
GND terminal
2
IN1
○
―
* 1
Base direct connect input
Set the input signal as
composite video signal,
chroma signal, or RGB
signal.
Input signal range 0.5~
3.8 V.
3
IN2
○
―
* 1
Base direct connect input
pin
Set the input signal as
composite video signal,
chroma signal, or RGB
signal.
Input signal range 0.5~
3.8 V.
4
IN3
○
―
* 1
Base direct connect input
pin
Set the input signal as
composite video signal,
chroma signal, or RGB
signal.
Input signal range 0.5~
3.8 V.
Vcc
IN1~IN3
100µA
100µA
300µA
300µA
GND
GND
Vcc
IN1~IN3
100µA
100µA
300µA
300µA
Vcc
IN1~IN3
100µA
100µA
300µA
300µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com