Electronic Components Datasheet Search
  English  ▼

X  

ICS9EX21801A Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9EX21801A
Description  18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9EX21801A Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS9EX21801A Datasheet HTML 3Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 4Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 5Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 6Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 7Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 8Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 9Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 10Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IDTTM
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
1463B — 01/20/10
ICS9EX21801A
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
7
Datasheet
Electrical Characteristics - Skew and Differential Jitter Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
Group
Parameter
Description
Min
TYP
Max
Units
Notes
CLK_IN, DIF[x:0]
tSPO_PLL100M
Input-to-Output Skew in PLL mode (1:1 only),
nominal value @ 25°C, 3.3V, 100MHz
950
1000 1125
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tSPO_PLL133M
Input-to-Output Skew in PLL mode (1:1 only),
nominal value @ 25°C, 3.3V, 133MHz
1100
1125 1175
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode (1:1 only),
nominal value @ 25°C, 3.3V
4
4.7
5.2
ns
1,2,3,5
CLK_IN, DIF [x:0]
∆t
SPO_PLL
Input-to-Output Skew Variation in PLL mode
(over specified voltage / temperature operating ranges)
|250| |350|
ps
1,2,4,5,6,
10
CLK_IN, DIF [x:0]
∆t
PD_BYP
Input-to-Output Skew Variation in Bypass mode
(over specified voltage / temperature operating ranges)
|800| |900|
ps
1,2,3,4,5,
6,10
DIF[17:0]
tSKEW_A19
Output-to-Output Skew across all 18 outputs
(Common to Bypass and PLL mode - all outputs at same gear)
100
150
ps
1,2,3
DIF[17:0]
tJPH
Differential Phase Jitter (RMS Value)
2
10
ps
1,4,7
DIF[17:0]
tSSTERROR
Differential Spread Spectrum Tracking Error (peak to peak)
20
80
ps
1,4,9
NOTES:
8. t is the period of the input clock
10. This parameter is an absolute value. It is not a double-sided figure.
9. Differential spread spectrum tracking error is the difference in spread spectrum tracking between two ICS9EX21801 devices This parameter is measured at the outputs of
two separate ICS9EX21801 devices driven by a single CK410B+ in Spread Spectrum mode. The ICS9EX21801's must be set to high bandwidth. The spread spectrum
characteristics are: maximum of 0.5%, 30-33KHz modulation frequency, linear profile.
5. Measured with scope averaging on to find mean value.
6. Long-term variation from nominal of input-to-output skew over temperature and voltage for a single device.
7. This parameter is measured at the outputs of two separate ICS9EX21801 devices driven by a single CK410B+. The ICS9EX21801's must be set to high bandwidth.
Differential phase jitter is the accumulation of the phase jitter not shared by the outputs (eg. not including the affects of spread spectrum). Target ranges of consideration are
agents with BW of 1-22Mhz and 11-33Mhz.
1. Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input.
2. Measured from differential cross-point to differential cross-point
3. All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4. This parameter is deterministic for a given device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com