Electronic Components Datasheet Search
  English  ▼

X  

ICS9EX21801A Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9EX21801A
Description  18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9EX21801A Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9EX21801A Datasheet HTML 6Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 7Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 8Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 9Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 10Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 11Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 12Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 13Page - Integrated Device Technology ICS9EX21801A Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IDTTM
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
1463B — 01/20/10
ICS9EX21801A
18 Output PCIe G2/QPI Differential Buffer with 2:1 input mux
13
Datasheet
SYMBOL
72L
N72
A
0.8
1.0
ND
18
A1
0
0.05
NE
18
A3
b
0.18
0.3
e
D x E BASIC
D2 MIN. / MAX.
5.75
6.15
E2 MIN. / MAX.
5.75
6.15
L MIN. / MAX.
0.3
0.5
DIMENSIONS
THERMALLY ENHANCED, VERY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE
DIMENSIONS (mm)
SYMBOL
MIN.
MAX.
0.25 Reference
0.50 BASIC
10.00 x 10.00
E
Top View
OR
Anvil
Singulation
A3
L
N
(Ref.)
e
e
e
e
(Ref. )
(Ref. )
(Ref. )
(Typ.)
If
A1
Even
E2
D2
D2
2
A
C
0.08
C
E2
2
2
2
1
Sawn
Singulation
Index Area
Seating Plane
are Even
Thermal
Base
Odd
b
(N - 1)x
N
1
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
D
D
&
&
N
D
N
D
N
E
N
E
&
N
D
N
E
(N - 1)x
E
Ordering Information
Part / Order Number Shipping Packaging
Package
Temperature
9EX21801AKLF
Tubes
72-pin MLF
0 to +70°C
9EX21801AKLFT
Tape and Reel
72-pin MLF
0 to +70°C
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate to the datasheet revision).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com