Electronic Components Datasheet Search
  English  ▼

X  

SSM2375 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2375
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2375 Datasheet(HTML) 4 Page - Analog Devices

  SSM2375 Datasheet HTML 1Page - Analog Devices SSM2375 Datasheet HTML 2Page - Analog Devices SSM2375 Datasheet HTML 3Page - Analog Devices SSM2375 Datasheet HTML 4Page - Analog Devices SSM2375 Datasheet HTML 5Page - Analog Devices SSM2375 Datasheet HTML 6Page - Analog Devices SSM2375 Datasheet HTML 7Page - Analog Devices SSM2375 Datasheet HTML 8Page - Analog Devices SSM2375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SSM2375
Preliminary Technical Data
Rev. PrC | Page 4 of 13
SPECIFICATIONS
VDD = 5.0 V, TA = 25oC, RL = 8 Ω +33 μH, EDGE = GND, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power
POUT
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.42
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.72
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.33
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.77
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.91
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5V
0.42
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2.52
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.28
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.56
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.171
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.6
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.72
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.21
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.52
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5V
0.68
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.71
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.9
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.85
W
Efficiency
η
POUT = 1.4 W, 8 Ω, VDD = 5.0 V
93
%
Total Harmonic Distortion + Noise
THD + N
POUT = 1 W into 8 Ω, f = 1 kHz, VDD = 5.0 V
0.01
%
POUT = 0.5 W into 8 Ω, f = 1 kHz, VDD = 3.6 V
0.01
%
Input Common-Mode Voltage Range
VCM
1.0
VDD − 1
V
Common-Mode Rejection Ratio
CMRRGSM
VCM = 2.5 V ± 100 mV at 217 Hz, output referred
55
dB
Average Switching Frequency
fSW
250
kHz
Differential Output Offset Voltage
VOOS
G = 6 dB
0.1
5.0
mV
POWER SUPPLY
Supply Voltage Range
VDD
Guaranteed from PSRR test
2.5
5.5
V
Power Supply Rejection Ratio
PSRR
VDD = 2.5 V to 5.0 V, dc input floating/ground
78
dB
PSRRGSM
VRIPPLE = 100 mV at 217 Hz, inputs ac GND, CIN = 0.1 μF
80
dB
VRIPPLE = 100 mV at 1 kHz, inputs ac GND, CIN = 0.1 μF
80
dB
Supply Current
ISY
VIN = 0 V, no load, VDD = 5.0 V
3.0
mA
VIN = 0 V, no load, VDD = 3.6 V
2.7
mA
VIN = 0 V, no load, VDD = 2.5 V
2.5
mA
VIN = 0 V, load = 8 Ω + 33 μH, VDD = 5.0 V
3.1
mA
VIN = 0 V, load = 8 Ω + 33 μH, VDD = 3.6 V
2.8
mA
VIN = 0 V, load = 8 Ω + 33 μH, VDD = 2.5 V
2.6
mA
Shutdown Current
ISD
SD = GND
20
nA
GAIN CONTROL
Closed-Loop Gain
Av
0
12
dB
Input Impedance
ZIN
SD = VDD, Fixed Input Impedance (0-12dB)
80
kΩ
SHUTDOWN CONTROL
Input Voltage High
VIH
1.35
V
Input Voltage Low
VIL
0.35
V
Turn-On Time
tWU
SD rising edge from GND to VDD
12.5
ms
Turn-Off Time
tSD
SD falling edge from VDD to GND
5
μs
Output Impedance
ZOUT
SD = GND
>100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com