Electronic Components Datasheet Search
  English  ▼

X  

SSM2375 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2375
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2375 Datasheet(HTML) 1 Page - Analog Devices

  SSM2375 Datasheet HTML 1Page - Analog Devices SSM2375 Datasheet HTML 2Page - Analog Devices SSM2375 Datasheet HTML 3Page - Analog Devices SSM2375 Datasheet HTML 4Page - Analog Devices SSM2375 Datasheet HTML 5Page - Analog Devices SSM2375 Datasheet HTML 6Page - Analog Devices SSM2375 Datasheet HTML 7Page - Analog Devices SSM2375 Datasheet HTML 8Page - Analog Devices SSM2375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Filterless High Efficiency
Mono 3 W Class-D Audio Amplifier
Preliminary Technical Data
SSM2375
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Speci cationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D
r with spread-spectrum Σ-∆
modulation
3 W into 3 Ω load and 1.4 W into 8 Ω load at 5.0 V supply with
<1% total harmonic distortion (THD)
93%
cy at 5.0 V, 1.4 W into 8 Ω speaker
>100 dB signal-to-noise ratio (SNR)
High PSRR @ 217 Hz: 80dB
Flexible gain adjustment pin: 0dB to 12dB in 3dB steps
Fixed Input Impedance, 80kΩ
User-selectable ultralow EMI emissions mode
Single-supply operation from 2.5 V to 5.5 V
20 nA shutdown current
Short-circuit and thermal protection with auto recovery
Available in 9-ball, 1.5 mm × 1.5 mm WLCSP
Pop-and-click suppression
APPLICATIONS
Mobile phones
MP3 players
Portable electronics
GENERAL DESCRIPTION
SM2375 is a fully integrated, high e ciency Class-D
audio ampli er. It is designed to maximize performance for
mobile phone applications. e application circuit requires a
minimum of external components and operates from a single
2.5 V to 5.5 V supply. It is capable of delivering 3 W of continuous
output power with less than 1% THD + N driving an 3 Ω load
from a 5.0 V supply.
SM2375 features a high e ciency, low noise modulation
scheme that requires no external LC output lt
modulation operates with high e ciency even at low output
power. It operates with 93% e ciency at 1.4 W into 8 Ω or 85%
e ciency at 3 W into 3 Ω from a 5.0 V supply and has an SNR
of >100 dB.
Spread-spectrum pulse density modulation (PDM) is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures.
e inherent randomized nature of
spread-spectrum PDM eliminates clock intermodulation
(beating e ect) of several ampli ers in close proximity.
SM2375 includes an optional modulation select pin
(ultralow EMI emission mode) that signi cantly reduces the
radiated emissions at the Class-D outputs, particularly above 100
MHz and can pass FCC Class B radiated emissions testing with
50cm unshielded speaker cable without any external ltering.
evice also includes a highly exible gain select pin that
only requires one series resistor in order to select between 0dB,
3dB, 6dB, 9dB, or 12dB.
e bene t of this is to improve gain
matching between multiple SSM2375 devices within a single
application as compared to using external resistors to set gain.
SM2375 has a micropower shutdown mode with a typical
shutdown current of 20 nA. Shutdown is enabled by applying a
logic low to the SD pin.
device also includes pop-and-click suppression circuitry.
minimizes voltage glitches at the output during turn-on and
turn-o , reducing audible noise on activation and deactivation.
Other included features to simplify system level integration of the
SSM2375 are input low pass ltering to suppress out of band DAC
noise interference to the PDM modulator and xed input
impedance to simplify component selection across multiple
platform production builds.
SM2375 is speci ed over the industrial temperature range
of −40°C to +85°C. It has built-in thermal shutdown and output
short-circuit protection. It is available in a halogen-free 9-ball,
1.5 mm × 1.5 mm wafer level chip scale package (WLCSP).
Rev. PrC


Similar Part No. - SSM2375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
Dimensions shown in millimeters
More results

Similar Description - SSM2375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com