Electronic Components Datasheet Search
  English  ▼

X  

SSM2375 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2375
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2375 Datasheet(HTML) 5 Page - Analog Devices

  SSM2375 Datasheet HTML 1Page - Analog Devices SSM2375 Datasheet HTML 2Page - Analog Devices SSM2375 Datasheet HTML 3Page - Analog Devices SSM2375 Datasheet HTML 4Page - Analog Devices SSM2375 Datasheet HTML 5Page - Analog Devices SSM2375 Datasheet HTML 6Page - Analog Devices SSM2375 Datasheet HTML 7Page - Analog Devices SSM2375 Datasheet HTML 8Page - Analog Devices SSM2375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Technical Data
SSM2375
Rev. PrC | Page 5 of 13
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
NOISE PERFORMANCE
Output Voltage Noise
en
VDD = 5 V, f = 20 Hz to 20 kHz, inputs are ac grounded,
AV = 6 dB, A weighting
30
μV
Signal-to-Noise Ratio
SNR
POUT = 1.4 W, RL = 8 Ω
100
dB
1 Although the SSM2375 has good audio quality above 3 W, continuous output power beyond 3 W must be avoided due to device packaging limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com