Electronic Components Datasheet Search
  English  ▼

X  

TPS62619YFD Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62619YFD
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62619YFD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62619YFD Datasheet HTML 3Page - Texas Instruments TPS62619YFD Datasheet HTML 4Page - Texas Instruments TPS62619YFD Datasheet HTML 5Page - Texas Instruments TPS62619YFD Datasheet HTML 6Page - Texas Instruments TPS62619YFD Datasheet HTML 7Page - Texas Instruments TPS62619YFD Datasheet HTML 8Page - Texas Instruments TPS62619YFD Datasheet HTML 9Page - Texas Instruments TPS62619YFD Datasheet HTML 10Page - Texas Instruments TPS62619YFD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
1
10
100
1000
I
-LoadCurrent-mA
O
L =muRataLQM21PN1R0MC0
L =muRataLQM18PN1R5-B35
L =muRataLQM21PN1R0NGR
V =3.6V
I
V
=1.8V
O
PFM/PWMOperation
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V -InputVoltage-V
I
V
=1.8V
PFM/PWMOperation
O
I
=1mA
O
I
=100mA
O
I
=10mA
O
I
-LoadCurrent-mA
O
V
=1.8V
O
V =4.2V
I
V =3.6V
I
V =2.9V
I
0
2
4
6
8
10
12
14
16
18
20
22
24
26
0
50
100
150
200
250
300
350
I
-LoadCurrent-mA
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
V
=1.8V
L =muRataLQM21PN1R5MC0
O
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 5.
Figure 6.
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 7.
Figure 8.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com