Electronic Components Datasheet Search
  English  ▼

X  

TPS62619YFD Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62619YFD
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62619YFD Datasheet(HTML) 1 Page - Texas Instruments

  TPS62619YFD Datasheet HTML 1Page - Texas Instruments TPS62619YFD Datasheet HTML 2Page - Texas Instruments TPS62619YFD Datasheet HTML 3Page - Texas Instruments TPS62619YFD Datasheet HTML 4Page - Texas Instruments TPS62619YFD Datasheet HTML 5Page - Texas Instruments TPS62619YFD Datasheet HTML 6Page - Texas Instruments TPS62619YFD Datasheet HTML 7Page - Texas Instruments TPS62619YFD Datasheet HTML 8Page - Texas Instruments TPS62619YFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CSP-6
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I -LoadCurrent-mA
O
0
20
40
60
80
100
120
140
160
180
200
V =3.6V,
V =1.8V
I
O
Efficiency
PFM/PWMOperation
PowerLoss
PFM/PWMOperation
VIN
SW
FB
MODE
EN
GND
VOUT
1.8V@350mA
C
2.2 F
I
m
TPS6261x
L
0.47 H
m
C
4.7 F
O
m
VBAT
2.9V..5.5V
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
Check for Samples: TPS62619, TPS62612, TPS62615, TPS62616
1
FEATURES
23
•
90% Efficiency at 6MHz Operation
DESCRIPTION
•
31mA Quiescent Current
The
TPS6261x
device
is
a
high-frequency
•
Wide VIN Range From 2.3V to 5.5V
synchronous step-down dc-dc converter optimized for
•
6MHz Regulated Frequency Operation
battery-powered portable applications. Intended for
low-power applications, the TPS6261x supports up to
•
Best in Class Load and Line Transient
350-mA load current, and allows the use of low cost
•
±2% Total DC Voltage Accuracy
chip inductor and capacitors.
•
Automatic PFM/PWM Mode Switching
With a wide input voltage range of 2.3V to 5.5V, the
•
Low Ripple Light-Load PFM Mode
device supports applications powered by Li-Ion
•
>50dB VIN PSRR (1kHz to 10kHz)
batteries with extended voltage range. Different fixed
voltage output versions are available from 1.2V to
•
Internal Soft-Start, 100-ms Start-Up Time
2.3V.
•
Integrated Active Power-Down Sequencing
(Optional)
The TPS6261x operates at a regulated 6-MHz
switching frequency and enters the power-save mode
•
Three Surface-Mount External Components
operation at light load currents to maintain high
Required (One 0603 MLCC Inductor, Two 0402
efficiency over the entire load current range.
Ceramic Capacitors)
The PFM mode extends the battery life by reducing
•
Complete Sub 0.4-mm Component Profile
the quiescent current to 31mA (typ) during light load
Solution
operation.
For
low-frequency
noise-sensitive
•
Total Solution Size <10 mm2
applications, the device can be forced into fixed
•
Available in a 6-Pin NanoFree™ (CSP)
frequency PWM mode by pulling the MODE pin high.
Ultra-Thin Packaging
These features, combined with high PSRR and AC
load
regulation
performance,
make
this
device
suitable to replace a linear regulator to obtain better
APPLICATIONS
power conversion efficiency.
•
Cell Phones, Smart-Phones
The TPS6261x is available in an 6-pin thin chip-scale
•
WLAN, GPS and Bluetooth™ Applications
package (CSP, 0.4mm max. height).
•
DTV Tuner Applications
•
DC/DC Micro Modules
l
l
Figure 2. Efficiency vs. Load Current
Figure 1. Smallest Solution Size Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG, Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009–2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62619YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62619YFD TI-TPS62619YFD Datasheet
770Kb / 26P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619YFD TI-TPS62619YFD Datasheet
915Kb / 29P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619YFD TI2-TPS62619YFD Datasheet
915Kb / 32P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
REVISED MARCH 2010
TPS62619YFDR TI-TPS62619YFDR Datasheet
915Kb / 29P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619YFDR TI2-TPS62619YFDR Datasheet
915Kb / 32P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
REVISED MARCH 2010
More results

Similar Description - TPS62619YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com