Electronic Components Datasheet Search
  English  ▼

X  

WM2616 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2616
Description  12-bit Serial Input Voltage Output DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2616 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2616 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Production Data Rev 1.0
WM2616
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
5
SERIAL INTERFACE
t
SUC16FS
t
SUFS
SCLK
DIN
NCS
FS
1
2
3
4
5
15
16
D0
D1
D12
D13
D14
D15
t
WL
t
WH
t
SUD
t
HD
t
SUCSFS
t
WHFS
t
SUC16CS
Figure 1 Timing Diagram
Test Conditions:
RL = 10k
Ω, C
L = 100pF. VDD = 5V
±± 10%, V
REF = 2.048V and VDD = 3V
±± 10%, V
REF = 1.024V over recommended operating free-air
temperature range (unless noted otherwise).
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSUCSFS
Setup time NCS low before negative FS edge.
10
ns
tSUFS
Setup time FS low before first negative SCLK edge.
8
ns
tSUC16FS
Setup time, sixteenth negative SCLK edge after FS low
on which D0 is sampled before rising edge of FS.
10
ns
tSUC16CS
Setup time, sixteenth positive SCLK edge (first positive
after D0 sampled) before NCS rising edge. If FS is used
instead of the sixteenth positive edge to update the DAC,
then the setup time is between the FS rising edge and
the NCS rising edge.
10
ns
tWH
Pulse duration, SCLK high.
25
ns
tWL
Pulse duration, SCLK low.
25
ns
tSUD
Setup time, data ready before SCLK falling edge.
8
ns
tHD
Hold time, data held valid after SCLK falling edge.
5
ns
tWHFS
Pulse duration, FS high.
20
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com