Electronic Components Datasheet Search
  English  ▼

X  

WM2616 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2616
Description  12-bit Serial Input Voltage Output DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2616 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

  WM2616 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Production Data Rev 1.0
WM2616
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
7
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 12-bit digital data to
analogue voltage levels (see Block Diagram). The output voltage is determined by the reference input
voltage and the input code according to the following relationship:
Output voltage =
(
)
4096
CODE
V
2
REFIN
INPUT
OUTPUT
1111
1111
1111
( )
4096
4095
V
2
REF
:
:
1000
0000
0001
( )
4096
2049
V
2
REF
1000
0000
0000
( )
REF
REF
V
4096
2048
V
2
=
0111
1111
1111
( )
4096
2047
V
2
REF
:
:
0000
0000
0001
( )
4096
1
V
2
REF
0000
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREFIN Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a 2k
Ω
load with a 100pF load capacitance.
EXTERNAL REFERENCE
The reference voltage input is buffered which makes the DAC input resistance independent of code.
The REFIN pin has an input resistance of 10M
Ω and an input capacitance of typically 5pF. The
reference voltage determines the DAC full-scale output.
SERIAL INTERFACE
Explanation of data transfer:
First, the device has to be enabled with NCS set to low. Then, a falling edge of FS starts shifting the
data bit-per-bit (starting with the MSB) to the internal register on the falling edges of SCLK. After 16 bits
have been transferred, the next rising edge on SCLK or FS causes the content of the shift register to be
moved to the DAC latch which updates the voltage output to the new level.
The serial interface of the device can be used in two basic modes:
•
four wire (with chip select)
•
three wire (without chip select)
Using chip select (four wire mode), it is possible to have more than one device connected to the serial
port of the data source (DSP or microcontroller). If there is no need to have more than one device on the
serial bus, then NCS can be tied low.
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
fSCLKmax =
MHz
20
t
t
1
min
WCL
min
WCH
=
+
The digital update rate is limited to an 800ns period, or 1.25MHz frequency. However, the DAC settling
time to 12 bits limits the update rate for large input step transitions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com