Electronic Components Datasheet Search
  English  ▼

X  

NX2158 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2158
Description  PWM BOOST CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2158 Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2158 Datasheet HTML 1Page - Microsemi Corporation NX2158 Datasheet HTML 2Page - Microsemi Corporation NX2158 Datasheet HTML 3Page - Microsemi Corporation NX2158 Datasheet HTML 4Page - Microsemi Corporation NX2158 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Microsemi
Analog Mixed Signal Group
NX2158
3
Rev.1.2
12/30/09
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
PARAMETER
SYM
Test Condition
M in
TYP
MAX
Un its
ENBUS
ENBUS threshold
1
1.2
1.4
V
ENBUS Hysteresis
0.05
0.1
0.15
V
SS
Soft Start time
Tss
Rt=44k
1.6
mS
Oscillator (Rt)
Frequency
F S
Rt=44k
550
640
720
kHz
Ram p-Amplitude Voltage
V
RAMP
0.4
0.5
0.58
V
LDRV Max Duty Cycle
Rt=44k
60
70
80
%
HDRV Min Controlable On Time
250
nS
Erro r Amplifiers
T ransconductance
1500
1800
2500
umho
Input Bias Current
Ib
100
nA
Com p SD Threshold
0.3
V
High Side Driver(C
L=2200pF)
Output Impedance , Sourcing
R
source(Hdrv)
I=200mA
1.9
ohm
Output Impedance , Sinking
Rsink(Hdrv)
I=200mA
1.7
ohm
Rise Time
THdrv(Rise)
14
ns
Fall T ime
THdrv(Fall)
17
ns
Deadband Time
Tdead(L to
Ldrv going Low to Hdrv
30
ns
Low Side Driver (C
L=2200pF)
Output Impedance, Sourcing
Rsource(Ldrv)
I=200mA
1.9
ohm
Output Impedance, Sinking
Current
R
sink(Ld rv)
I=200mA
1
ohm
Rise Time
T Ldrv(Rise)
13
ns
Fall T ime
TLdrv(Fall)
12
ns
OCP
OCP current
30
37
50
uA
Over temperature
Threshold
150
oC
Hysteresis
20
oC
PGOOD
Pgood high rising threshold
78
90
95
% Vref
Power good hysteresis
5
%
10
ns
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv
going High, 10% to 10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com