Electronic Components Datasheet Search
  English  ▼

X  

NX2158 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2158
Description  PWM BOOST CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2158 Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2158 Datasheet HTML 1Page - Microsemi Corporation NX2158 Datasheet HTML 2Page - Microsemi Corporation NX2158 Datasheet HTML 3Page - Microsemi Corporation NX2158 Datasheet HTML 4Page - Microsemi Corporation NX2158 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi
Analog Mixed Signal Group
NX2158
1
Rev.1.2
12/30/09
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Figure1 - Typical application of NX2158
TYPICAL APPLICATION
DESCRIPTION
n Single Supply Voltage fom 3V to 5.5V
n Programmable Frequency up to 2MHz
n Internal Digital Soft Start Function
n Cycle by Cycle Current Limit by Sensing Rdson of
NMOSFET
n Pb-free and RoHS compliant
FEATURES
PWM BOOST CONTROLLER
APPLICATIONS
PRODUCTION DATA SHEET
The NX2158 controller IC is a boost controller IC de-
signed for step up DC to DC converter applications. The
NX2158 operates at programmable frequency from
200kHz to 2MHz and employs cycle by cycle current
limiting by sensing the Rdson of NMOSFET.
Other features of the device are: thermal shutdown,
adaptive deadband control, internal digital soft start, VCC
UVLO and Shutdown capability via the ENBUS pin.
Pb Free Product
n USB 3.0 3.3V to 5V conversion
ORDERING INFORMATION
Device
Temperature
Package
Frequency
Pb-Free
NX2158CMTR
0 to 70o C
3X3 MLPQ-16L 200kHz to 2MHz
Yes
Package Marking : NX2158XXX XXX is date code. For example, 935 means that this NX2158 is
packaged in the 35th week of 2009
VIN 3.3V
VOUT 5V
ENBUS
VCC LDrv
SW
HDrv
BST
PGND
EN
FB
COMP
PGOOD
PGOOD
RT
OCP
AGND
2.2uH
22uF,X5R
2*22uF
1uF
14k
68p
308k
59k
1nF
20k
15pF
22k
10k
10k
10
1uF


Similar Part No. - NX2158

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154A MICROSEMI-NX2154A Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154ACSTR MICROSEMI-NX2154ACSTR Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154CSTR MICROSEMI-NX2154CSTR Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - NX2158

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1105A AAT-AAT1105A Datasheet
216Kb / 16P
BUCK_BOOST AND BOOST PWM CONTROLLER
V 1.0
logo
Semtech Corporation
SC2603 SEMTECH-SC2603 Datasheet
224Kb / 11P
Simple PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
Non-Synchronous PWM Boost Controller
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
Non-Synchronous PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com