Electronic Components Datasheet Search
  English  ▼

X  

NX2158 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2158
Description  PWM BOOST CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2158 Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2158 Datasheet HTML 1Page - Microsemi Corporation NX2158 Datasheet HTML 2Page - Microsemi Corporation NX2158 Datasheet HTML 3Page - Microsemi Corporation NX2158 Datasheet HTML 4Page - Microsemi Corporation NX2158 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Microsemi
Analog Mixed Signal Group
NX2158
5
Rev.1.2
12/30/09
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the NX2158
Bias
Generator
1.25V
0.8V
BST
HDRV
SW
LDRV
FB
OSC
R
S
Q
Digital
start Up
UVLO
POR
GND
Driver
Logic
VCC
ramp
0.3V
COMP
OC
START
START
1.3V
CLAMP
0.6V
CLAMP
START
PWM
0.8V
COMP
VCC
OCP
VCC
START
LDRV
ENBUS
Latch
OVP
Thermal
Shutdown
RT
1.2V
0.9*0.8V
SS_finished
PGOOD
FB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com