Electronic Components Datasheet Search
  English  ▼

X  

MP6H1 Datasheet(PDF) 2 Page - Rohm

Part # MP6H1
Description  General purpose (Dual digital transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6H1 Datasheet(HTML) 2 Page - Rohm

  MP6H1 Datasheet HTML 1Page - Rohm MP6H1 Datasheet HTML 2Page - Rohm MP6H1 Datasheet HTML 3Page - Rohm MP6H1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6H1
Transistor
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
《DTR1》 《DTR2》
Symbol
Max.
Unit
BVCEO
70
V
BVCBO
70
V
BVEBO
-V
ICBO
500
nA
IEBO
580
µA
VCE(sat)
400
mV
hFE
--
R13
kΩ
fT *
-MHz
∗ Characteristics of built-in transistor.
Emitter cutoff current
Collector cutoff current
300
-
DC current gain
Collector-emitter saturation voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Parameter
Collector-base breakdown voltage
Emitter-base resistance
Transition frequency
-
7
Min.
Typ.
Test Conditions
50
50
5
-
-
-
IC=50µA
IC=1mA
IE=720µA
-
-
10
80
VCE=5V,IE=-100mA,f=30MHz
VCE=2V,IC=500mA
IC/IB=500mA/5mA
--
VCB=40V
VEB=4V
-
300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com