Electronic Components Datasheet Search
  English  ▼

X  

MP6H1 Datasheet(PDF) 3 Page - Rohm

Part # MP6H1
Description  General purpose (Dual digital transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6H1 Datasheet(HTML) 3 Page - Rohm

  MP6H1 Datasheet HTML 1Page - Rohm MP6H1 Datasheet HTML 2Page - Rohm MP6H1 Datasheet HTML 3Page - Rohm MP6H1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MP6H1
Transistor
Rev.A
3/3
Electrical characteristic curves
Fig.1 Grounded Emitter Propagation
Characteristics
0.01
0.1
1
0.1
1
10
Base to Emitter Voltage : VBE [V]
VCE=2V
pulsed
Ta=125℃
Ta=25℃
Ta=-40℃
Fig.3 DC Current Gain vs
Collector Current Ⅰ
10
100
1000
10000
0.001
0.01
0.1
1
10
Collector Current : IC [A]
Ta=25℃
pulsed
VCE=5V
VCE=2V
Fig.4 DC Current Gain vs
Collector Current Ⅱ
10
100
1000
10000
0.001
0.01
0.1
1
10
Collector Current : IC [A]
Ta=25℃
Ta=125℃
VCE=2V
pulsed
Ta=-40℃
Fig.5 Collector-Emitter Saturation
Voltage vs Collector Current Ⅰ
0.01
0.1
1
10
0.01
0.1
1
10
Collector Current : IC [A]
Ta=25℃
pulsed
IC/IB=100/1
IC/IB=200/1
Fig.6 Collector-Emitter Saturation
Voltage vs Collector Current Ⅱ
0.01
0.1
1
10
0.01
0.1
1
10
Collector Current : IC [A]
IC/IB=100/1
pulsed
Ta=-40℃
Ta=125℃
Ta=25℃
Fig.7 Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
0.01
0.1
1
10
Collector Current : IC [A]
Ta=-40℃
Ta=25℃
Ta=125℃
IC/IB=10/1
pulsed
Fig.8 Maximum Safe Operating Area
0.001
0.01
0.1
1
10
0.1
1
10
100
Collector to Emitter Voltage : VCE [ V ]
Ta=25℃ Single pulse
Mounted on a ceramic
board
DC Operation
Pw = 1ms
Pw = 10ms
Fig.2 Typical Output Characteristics
0
100
200
300
400
500
00.5
11.5
2
Collector to Emitter Voltage : VCE [V]
Ta=25℃
pulsed
IB=100µA
IB=200µA
IB=300µA
IB=400µA
IB=500µA
IB=600µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com