Electronic Components Datasheet Search
  English  ▼

X  

MP6H1 Datasheet(PDF) 1 Page - Rohm

Part # MP6H1
Description  General purpose (Dual digital transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6H1 Datasheet(HTML) 1 Page - Rohm

  MP6H1 Datasheet HTML 1Page - Rohm MP6H1 Datasheet HTML 2Page - Rohm MP6H1 Datasheet HTML 3Page - Rohm MP6H1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP6H1
Transistors
Rev.A
1/3
General purpose (Dual digital transistors)
MP6H1
Features
1) High hFE.
hFE=300(Min.)(VCE / IC=2V/500mA)
2) Low saturation voltage.
VCE(sat)=400mV(Max.) (IC/IB=500mA/5mA)
3) Built in Zener diode for protection against surges when
connected to inductive load.
Structure
NPN silicon epitaxial planar transistor
(Resistor built-in type)
Applications
Driver
Packaging specifications and hFE
Equivalent circuit
Type
MPT6
Taping
TR
1000
Package
Packaging style
Code
Basic ordering unit(pieces)
○
MP6H1
Absolute maximum ratings (Ta=25
°C)
《DTR1》 《DTR2》
Continuous
Pulsed
∗1 Pw=10ms, Single pulse
∗2 Each terminal mounted on a ceramic board
VCBO
VCEO
ICP ∗1
2
Power dissipation
Junction temperature
Storage temperature
Unit
V
V
V
A
Tstg
VEBO
Tj
A
W/TOTAL
W/ELEMENT
150
-55 to +150
2.0
Limits
PD *2
5
60±10
1.4
℃
℃
Symbol
IC
1
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
60±10
Dimensions (Unit : mm)
MPT6
(6)
(5)
(4)
(1)
(2)
(3)
(1) : Emitter
(DTr1)
(2) : Base
(DTr1)
(3) : Collector (DTr2)
(4) : Emitter
(DTr2)
(5) : Base
(DTr2)
(6) : Collector (DTr1)
Di
Di
DTr2
R=10k
Ω
DTr1
R
R
(6)
(5)
(4)
(1)
(2)
(3)


Similar Part No. - MP6H1

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP6 EMERSON-NETWORKPOWER-MP6 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
CHENG-YI ELECTRONIC CO....
MP6 CHENG-YI-MP6 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Astec America, Inc
MP6-2C-2E-4LL-00 ASTEC-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
400-1200 Watts
logo
Emerson Network Power
MP6-2C-2E-4LL-00 EMERSON-NETWORKPOWER-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
MP6-2E-2E-00 EMERSON-NETWORKPOWER-MP6-2E-2E-00 Datasheet
1Mb / 8P
Electrical Specifications
More results

Similar Description - MP6H1

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
General purpose (dual digital transistors)
IMB5A ROHM-IMB5A Datasheet
63Kb / 3P
General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
General purpose transistors (dual digital transistors)
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
General purpose transistors (dual digital transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com