Electronic Components Datasheet Search
  English  ▼

X  

WM8731 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
6
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8731EDS
-10 to +70
oC
28-pin SSOP
1
AVDD
2
AGND
3
MICBIAS
4
VMID
5
MICIN
6
RLINEIN
7
LLINEIN
8
DCVDD
9
MODE
10
CSB
SDIN
SCLK
XTO
XTI/MCLK
15
CLKOUT
DGND
ADCLRC
ADCDAT
DACDAT
DACLRC
BCLK
DBVDD
LHPOUT
HPGND
HPVDD
RHPOUT
LOUT
ROUT
11
12
13
14
16
17
18
19
20
21
22
23
24
25
28
27
26
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DBVDD
Supply
Digital Buffers VDD
2
CLKOUT
Digital Output
Buffered Clock Output
3
BCLK
Digital Input/Output
Digital Audio Bit Clock, Pull Down, (see Note 1)
4
DACDAT
Digital Input
DAC Digital Audio Data Input
5
DACLRC
Digital Input/Output
DAC Sample Rate Left/Right Clock, Pull Down (see Note 1)
6
ADCDAT
Digital Output
ADC Digital Audio Data Output
7
ADCLRC
Digital Input/Output
ADC Sample Rate Left/Right Clock, Pull Down (see Note 1)
8
HPVDD
Supply
Headphone VDD
9
LHPOUT
Analogue Output
Left Channel Headphone Output
10
RHPOUT
Analogue Output
Right Channel Headphone Output
11
HPGND
Ground
Headphone GND
12
LOUT
Analogue Output
Left Channel Line Output
13
ROUT
Analogue Output
Right Channel Line Output
14
AVDD
Supply
Analogue VDD
15
AGND
Ground
Analogue GND
16
VMID
Analogue Output
Mid-rail reference decoupling point
17
MICBIAS
Analogue Output
Electret Microphone Bias
18
MICIN
Analogue Input
Microphone Input (AC coupled)
19
RLINEIN
Analogue Input
Right Channel Line Input (AC coupled)
20
LLINEIN
Analogue Input
Left Channel Line Input (AC coupled)
21
MODE
Digital Input
Control Interface Selection, Pull Up (see Note 1)
22
CSB
Digital Input
3-Wire MPU Chip Select/ 2-Wire MPU interface address selection,
active low, Pull up (see Note 1)
23
SDIN
Digital Input/Output
3-Wire MPU Data Input / 2-Wire MPU Data Input
24
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
25
XTI/MCLK
Digital Input
Crystal Input or Master Clock Input (MCLK)
26
XTO
Digital Output
Crystal Output
27
DCVDD
Supply
Digital Core VDD
28
DGND
Ground
Digital GND
Note:
1.
Pull Up/Down only present when Control Register Interface ACTIVE=0 to conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com