Electronic Components Datasheet Search
  English  ▼

X  

WM9703 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9703
Description  AC97 Revision 2.1 Audio Codec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9703 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9703 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
WM9703
AC’97 Revision 2.1 Audio Codec
Production Data, January 2001, Rev 3.4
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
 2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
WM9703 is a high-quality stereo audio codec compliant
with the AC’97 Revision 2.1 specification. It performs full
duplex 18-bit codec functions and supports variable
sample rates from 8 to 48k samples/s and offers excellent
quality with high SNR. Additional features include 3D
sound and line-level outputs. In addition, support is
provided for variable sample rates and accommodation is
made for master/slave mode operation.
WM9703 is interchangeable with AC’97 codecs from
Wolfson and other suppliers. The WM9703 is fully
operable on 3.3V or 5V or mixed 3.3/5V supplies, and is
packaged in the industry standard 48-pin TQFP package
with 7mm-body size.
AC’97 FEATURES
•
3.3V or 5V operation
•
18-bit stereo codec
•
S/N ratio > 95dB
•
Multiple stereo input mixer
•
Mono and stereo volume control
•
48-pin TQFP package
•
Power management features
•
Low power implementation
•
Very low standby power
AC’97 REVISION 2.1 FEATURES
•
Variable rate audio (VRA) support
•
Analogue 3D stereo enhancement
•
Line level outputs
•
Supports Revision. 2.1 specified modem sample rates
and filtering
•
Master/slave ID selection
•
PC-beep connection when device held reset
BLOCK DIAGRAM
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
Σ
VOL/
MUTE
Σ
(37) MONOOUT
(39,41) LNLVLOUT
(35,36) LINEOUT
Σ
CD (18,20)
LINEIN (23,24)
VIDEO (16,17)
AUX (14,15)
PHONE (13)
PCBEEP (12)
MIC[1] (21)
MIC[2] (22)
0dB/
20dB
MASTER/
SLAVE
SELECT
(45) CID[0]
(46) CID[1]
(6) BITCLK
(10) SYNC
(8) SDATAIN
(5) SDATAOUT
(11) RESETB
(47) EAPD
VOL/
MUTE
OSC
(2) XTLIN
(3) XTLOUT
VOL
STEREO
DAC
SRC
3D
Σ
VOL
STEREO
ADC
SRC
VOL/
MUTE
MUX
VOL/
MUTE
VOL/
MUTE
MUX
KEY:
MONO
STEREO
RECORD
MUX
AND
MUTE
SERIAL
I/F
WM9703


Similar Part No. - WM9703

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701 WOLFSON-WM9701 Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9701ACFT/V WOLFSON-WM9701ACFT/V Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9704CFT/V WOLFSON-WM9704CFT/V Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
WM9704CFT/V WOLFSON-WM9704CFT/V Datasheet
271Kb / 35P
4-Channel Surround Sound Codec
More results

Similar Description - WM9703

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9707 WOLFSON-WM9707 Datasheet
236Kb / 30P
AC97 Revision 2.1 Audio Codec with Spdif Output
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
AC97 Revision 2.1 Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
AC 97 Revision 2.1 Audio CODEC with SPDIF Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com