Electronic Components Datasheet Search
  English  ▼

X  

WM9703 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9703
Description  AC97 Revision 2.1 Audio Codec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9703 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9703 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Production Data
WM9703
WOLFSON MICROELECTRONICS LTD
PD Rev 3.4 January 2001
19
Within slot 0 the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the WM9703 is
in the Codec Ready state or not. If the Codec Ready bit is a 0, this indicates that the WM9703 is not
ready for normal operation. This condition is normal following the desertion of power on reset for
example, while the WM9703’s voltage references settle. When the AC-link Codec Ready indicator bit
is a 1, it indicates that the AC-link and the WM9703 control and status registers are in a fully
operational state. The AC’97 controller must further probe the Powerdown Control/Status Register to
determine exactly which subsections, if any, are ready.
Prior to any attempts at putting the WM9703 into operation the AC’97 controller should poll the first
bit in the audio input frame (SDATA_IN slot 0, bit 15) for an indication that the WM9703 has gone
Codec Ready.
Once the WM9703 is sampled Codec Ready then the next 12 bit positions sampled by the AC’97
controller indicate which of the corresponding 12 time slots are assigned to input data streams, and
that they contain valid data. Figure 15 illustrates the time slot based AC-link protocol.
There are several subsections within the WM9703 that can independently go busy/ready. It is the
responsibility of the WM9703 controller to probe more deeply into the WM9703 register file to
determine which the WM9703 subsections are actually ready.
SYNC
BIT_CLK
SDATA_IN
CODEC
READY
SLOT (1)
SLOT (2)
WM9703 SAMPLES
SYNC ASSERTION HERE
AC’97 CONTROLLER
SAMPLES FIRST SDATA_IN
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 16 Start of an Audio Input Frame
A new audio input frame begins with a low to high transition of SYNC as shown in Figure 16. SYNC
is synchronous to the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK,
AC’97 samples the assertion of SYNC. This falling edge marks the time when both sides of AC-link
are aware of the start of a new audio frame.
On the next rising of BIT_CLK, AC’97 transitions
SDATA_IN into the first bit position of slot 0 (“Codec Ready” bit). Each new bit position is presented
to AC-link on a rising edge of BIT_CLK, and subsequently sampled by the AC’97 Controller on the
following falling edge of BIT_CLK.
This sequence ensures that data transitions and subsequent
sample points for both incoming and outgoing data streams are time aligned.
SDATA_IN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0s by the WM9703. SDATA_IN should be
sampled on the falling edges of BIT_CLK.
SLOT 1: STATUS ADDRESS PORT
The status port is used to monitor status for the WM9703 functions including, but not limited to, mixer
settings, and power management.
Audio input frame slot 1 echoes the control register index, for historical reference, for the data to
be returned in slot 2. (Assuming that slots 1 and 2 had been tagged valid by the WM9703 during slot
0).
STATUS ADDRESS PORT BIT ASSIGNMENTS:
Bit (19)
RESERVED (stuffed with 0s)
Bit (18:12)
Control register index (echo of register index for which data is
being returned)
Bit (11:2)
Variable sample rate SLOTREQ bits.
Bit (1:0)
RESERVED (stuffed with 0s)
The first bit (MSB) generated by the WM9703 is always stuffed with an 0. The following 7 bit
positions communicate the associated control register address.
The next 10 bits support the AC’97
Rev 2.1 variable sample rate signalling protocol, and the trailing 2 bit positions are stuffed with 0s by
AC’97.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com