Electronic Components Datasheet Search
  English  ▼

X  

WM9703 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM9703
Description  AC97 Revision 2.1 Audio Codec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9703 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM9703 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9703 Datasheet HTML 30Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
WM9703
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.4 January 2001
26
DATA BIT
FUNCTION
ANY MODE
VRA
Variable rate audio support
1
DRA
Double rate audio support
0
VRM
Variable rate Mic ADC support
0
CDAC
Centre DAC support
0
SDAC
Surround DAC support
0
LDAC
LFE DAC support
0
AMAP
Slot to front DAC mapping support
1
ID1
Codec configuration – pin 45 value
Inverse of level at pin 45
ID0
Codec configuration – pin 46 value
Inverse of level at pin 46
Table 18 Extended Audio Capability Register
REGISTER 2Ah – EXTENDED AUDIO STATUS AND CONTROL REGISTER
The Extended Audio Status and Control Register is a read/write register that provides status and
control of the extended audio features.
DATA BIT
FUNCTION
READ/WRITE
WM9703 SUPPORT
VRA
Enables variable rate audio mode
Read/write
Yes
DRA
Enable double rate audio mode
Read/write
No
VRM
Enables variable rate Mic ADC
Read/write
No
CDAC
Indicates centre DAC ready
Read
Yes
SDAC
Indicates surround DAC ready
Read
Yes
LDAC
Indicates LFE DAC ready
Read
Yes
MADC
Indicates Mic ADC ready
Read
No
PRI
Set to turn off centre DAC
Read/write
Enable only
PRJ
Set to turn off surround DACs
Read/write
Enable only
PRK
Set to turn off LFE DACs
Read/write
Enable only
PRL
Set to turn off Mic ADC
Read/write
No
Table 19 Extended Audio Status and Control Register
REGISTER 2Ch TO 32h – AUDIO SAMPLE RATE CONTROL REGISTERS
These registers are read/write registers that are written to, to select alternative sample rates for the
audio PCM converters. Default is the 48ks/s rate. Note that only Revision 2.1 recommended rates
are supported by the WM9703, selection of any other unsupported rates will cause the rate to default
to the nearest supported rate, and the supported rate value to be latched and so read back.
Register 2Ch is the front DAC rate register, but is also used for centre channel data rate.
REGISTERS 36h AND 38h – 6 CHANNEL VOLUME CONTROL
These read/write registers control the output volume of the optional four PCM channels. (not
supported by the WM9703)
VENDOR RESERVED REGISTERS (INDEX 5Ah AND 7Ah)
These registers are vendor specific. Do not write to these registers unless the Vendor ID register has
been checked first to ensure that the driver knows the source of the AC ‘97 component.
VENDOR SPECIFIC GAIN CONTROL REGISTERS – (INDEX 70h TO 74h)
Not used in the WM9703.
VENDOR ID REGISTERS (INDEX 7Ch TO 7Eh)
This register is for specific vendor identification if so desired. The ID method is Microsoft’s Plug and
Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7 to S0, and
the third T7 to T0. These three characters are ASCII encoded. The REVISION7 to REVISION0 field
is for the Vendor Revision number. In the WM9703 the vendor ID is set to WML3.
Wolfson is a registered Microsoft Plug and Play vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com