Electronic Components Datasheet Search
  English  ▼

X  

WM9704Q Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9704Q
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704Q Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9704Q Datasheet HTML 1Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 2Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 3Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 4Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 5Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 6Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 7Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 8Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Production Data
WM9704Q
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
5
Test Characteristics:
AVDD = 5V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
DVDD = 3.3V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR A-weighted (Note 1)
82
dB
ADC input for full scale output
VREF = 1.65V
0.7
Vrms
THD
-9dBV input
80
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Stop band rejection
-74
dB
PSRR
20 to 20kHz
40
dB
Mixer Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR CD path A-weighted
(Note 1)
97
dB
SNR Other paths A-weighted
(Note 1)
92
dB
Maximum input voltage
0.7
Vrms
Maximum output voltage on
LINEOUT
0.7
Vrms
THD
-3dBV input
90
dB
Frequency response (+/-1dB)
20
20,000
Hz
Input impedance (CD inputs)
At any gain
15
kohm
At max gain
20
kohm
Input impedance (other Mixer
inputs)
At 0db gain
100
kohm
At max gain
80
kohm
Input impedance MIC inputs
At 0db gain
15
kohm
PSRR
20 to 20kHz
40
dB
Clock Frequency Range
Crystal clock
24.576
MHz
BIT_CLK frequency
12.288
MHz
SYNC frequency
48.0
kHz
Note:
1.
SNR is the ratio of 0dB signal output level to the output level with no signal, measured A-weighted over a 20Hz to 20kHz
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com