Electronic Components Datasheet Search
  English  ▼

X  

WM9704Q Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM9704Q
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704Q Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM9704Q Datasheet HTML 1Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 2Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 3Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 4Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 5Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 6Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 7Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 8Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
WM9704Q
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM9704CFT/V
0 to 70
oC
48-pin TQFP
37
47 46 45 44 43 42 41 40 39 38
48
DVDD1
DVSS2
BITCLK
SDATAOUT
DVSS1
XTLOUT
XTLIN
SDATAIN
DVDD2
SYNC
RESETB
PCBEEP
LINEOUTR
MODE0
CAP1
CAP2
CX3D1
CX3D2
LINEOUTL
AVDD1
AVSS1
VREF
VREFOUT
AFILT1
25
31
30
29
28
27
26
36
35
34
33
32
1
9
8
7
6
5
4
3
2
12
11
10
24
23
16 17 18 19 20 21 22
13 14 15
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per specifications IPC/JEDEC J-STD-020A and JEDEC A113-B, this product requires specific storage conditions prior to
surface mount assembly. It has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in
vacuum-sealed moisture barrier bags.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+7V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DVSS -0.3V
DVDD +0.3V
Voltage range analogue inputs
AVSS -0.3V
AVDD +0.3V
Operating temperature range, TA
0
oC+70oC
Storage temperature
-65
oC
+150
oC
Package body temperature (soldering 10 seconds)
+240
oC
Package body temperature (soldering 2 minutes)
+183
oC
Note:
1.
The digital supply voltage (DVDD) must always be less than or equal to the analogue supply voltage (AVDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com