Electronic Components Datasheet Search
  English  ▼

X  

WM9704Q Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM9704Q
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704Q Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM9704Q Datasheet HTML 5Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 6Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 7Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 8Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 9Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 10Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 11Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 12Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Production Data
WM9704Q
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
9
DATA SETUP AND HOLD (50pF EXTERNAL LOAD)
BIT_CLK
SDATA_OUT
SYNC
t
SETUP
t
HOLD
Figure 5 Data Setup and Hold (50pF External Load)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Setup to falling edge of BIT_CLK
tSETUP
15.0
ns
Hold from falling edge of BIT_CLK
tHOLD
5.0
ns
Note: Setup and hold time parameters for SDATA_IN are with respect to AC’97 Controller.
SIGNAL RISE AND FALL TIMES
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
trise
CLK
tfall
CLK
trise
SYNC
tfall
SYNC
trise
DIN
tfall
DIN
trise
DOUT
tfall
DOUT
Figure 6 Signal Rise and Fall Times (50pF external load)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BIT_CLK rise time
triseCLK
26
ns
BIT_CLK fall time
tfallCLK
26
ns
SYNC rise time
triseSYNC
26
ns
SYNC fall time
tfallSYNC
26
ns
SDATA_IN rise time
triseDIN
26
ns
SDATA_IN fall time
triseDIN
26
ns
SDATA_OUT rise time
triseDOUT
26
ns
SDATA_OUT fall time
tfallDOUT
26
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com