Electronic Components Datasheet Search
  English  ▼

X  

LC5205D Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # LC5205D
Description  LED Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5205D Datasheet(HTML) 1 Page - Allegro MicroSystems

  LC5205D Datasheet HTML 1Page - Allegro MicroSystems LC5205D Datasheet HTML 2Page - Allegro MicroSystems LC5205D Datasheet HTML 3Page - Allegro MicroSystems LC5205D Datasheet HTML 4Page - Allegro MicroSystems LC5205D Datasheet HTML 5Page - Allegro MicroSystems LC5205D Datasheet HTML 6Page - Allegro MicroSystems LC5205D Datasheet HTML 7Page - Allegro MicroSystems LC5205D Datasheet HTML 8Page - Allegro MicroSystems LC5205D Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LED Drivers
LC5200 Series
48102.002
Description
LC5200 series is an off-line LED driver IC which includes
both a main controller integrated circuit (MIC) and a
power MOSFET. Its high voltage capability allows direct
connection to a wide range of supply voltages ranging from
25 to 400 V (recommended). The LC5200 uses constant
current mode to drive LEDs. The package is a standard
8-pin DIP, with pin 7 removed for greater creepage distance
from the supply pin.
Features and Benefits
▪ Supply voltage, VBB, 450 V maximum,
25 to 400 V recommended; Note: lowest voltage can vary
depending on LED loads
▪ Output current IO(max) options:
▫ 0.5 A, LC5205D
▫ 1.0 A, LC5210D
▪ Constant current control circuit:
▫ Fixed off-time PWM constant current control, off-time
adjustable by external components
▫ Externally adjustable output current by input voltage
to REF pin
▪ Output current dimming by external PWM signal; low
signal to TOFF pin shuts off output current, and PWM
signal input to that pin enables dimming
▪ Undervoltage lockout protection (UVLO)
▪ Overcurrent protection (OCP); latched in response to the
short-to-GND condition
▪ Thermal Shutdown protection (TSD); protects IC from
damage due to excess temperature, auto-restart when
temperature drops below threshold
Not to scale
Package: 7-pin DIP
Gate
Driver
Logic
Current
Control
Regulator
UVLO
TSD
VBB
OUT
Sen
GND
Reg
Toff
Ref
MIC
OCP
Functional Block Diagram


Similar Part No. - LC5205D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5205D SANKEN-LC5205D Datasheet
431Kb / 8P
Hybrid Integrated Circuit
LC5205D SANKEN-LC5205D Datasheet
297Kb / 16P
Off-Line LED Driver ICs
More results

Similar Description - LC5205D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
LED Drivers
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
Atmel LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
Dimmable LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
Dimmable LED Drivers
logo
XP Power Limited
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
LED Drivers
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
WHITE LED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com