Electronic Components Datasheet Search
  English  ▼

X  

LC5205D Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # LC5205D
Description  LED Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5205D Datasheet(HTML) 3 Page - Allegro MicroSystems

  LC5205D Datasheet HTML 1Page - Allegro MicroSystems LC5205D Datasheet HTML 2Page - Allegro MicroSystems LC5205D Datasheet HTML 3Page - Allegro MicroSystems LC5205D Datasheet HTML 4Page - Allegro MicroSystems LC5205D Datasheet HTML 5Page - Allegro MicroSystems LC5205D Datasheet HTML 6Page - Allegro MicroSystems LC5205D Datasheet HTML 7Page - Allegro MicroSystems LC5205D Datasheet HTML 8Page - Allegro MicroSystems LC5205D Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
0
0.5
1
1.5
2
0
25
50
75
100
125
150
Ambient Temperature, TA (°C)
PD = 1.73 W
RθJA = 72°C/W
Power Dissipation versus Ambient Temperature
ELECTRICAL CHARACTERISTICS Valid at TA = 25°C and VBB = 140 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage Input Current
IBB
Normal operation
–
2
–
mA
IBBS
At output off
–
0.6
1
mA
MOSFET Breakdown Voltage
VDSS
ID = 1 mA
450
–
–
V
MOSFET On-Voltage
VDS(on)
ID = 0.5 A, LC5205
–
3
–
V
ID = 1.0 A, LC5210
–
2.5
–
V
MOSFET Diode Forward Voltage
VF
ID = 0.5 A, LC5205
–
0.85
–
V
ID = 1.0 A, LC5210
–
0.9
–
V
REG Pin Output Voltage
VREG
IREG = 0 mA
11.5
12
12.5
V
REG Pin Maximum Output Current
IREG
VREG = 11.5 V
–
–
2
mA
Maximum PWM Operating Frequency
fclk
PWM frequency
–
–
200
kHz
REF Pin Input Voltage
VREF
0–1
V
REF Pin Input Current
IREF
–
±10
–
μA
SENSE Pin Voltage
VRS
VREF
– 0.03
VREF
VREF
+ 0.03
V
SENSE Pin Current
IRS
–
±10
–
μA
OCP Threshold Voltage
VOCP
Measured at SENSE pin
–
3
–
V
PWM Off-Time
TPOFF
RTOFF = 560 kΩ, CTOFF = 220 pF
–
21
–
μs
UVLO On Threshold Voltage
VUVLO(on)
For VBB
–13–
V
UVLO Off Threshold Voltage
VUVLO(off)
For VBB
–14–
V
TSD Threshold Temperature
TTSD
Main controller IC (MIC) temperature
–
150
–
°C
TSD Hysteresis Temperature
TTSDhys
–55–
°C
Switching Time
tr
ID = 0.4 A
–
20
–
ns
tf
ID = 0.4 A
–
50
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com