Electronic Components Datasheet Search
  English  ▼

X  

LC5205D Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # LC5205D
Description  LED Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5205D Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button LC5205D Datasheet HTML 7Page - Allegro MicroSystems LC5205D Datasheet HTML 8Page - Allegro MicroSystems LC5205D Datasheet HTML 9Page - Allegro MicroSystems LC5205D Datasheet HTML 10Page - Allegro MicroSystems LC5205D Datasheet HTML 11Page - Allegro MicroSystems LC5205D Datasheet HTML 12Page - Allegro MicroSystems LC5205D Datasheet HTML 13Page - Allegro MicroSystems LC5205D Datasheet HTML 14Page - Allegro MicroSystems LC5205D Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
WARNING
— These devices are designed to be operated at lethal voltages and energy levels. Circuit designs
that embody these components must conform with applicable safety requirements. Precautions must be
taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
•
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
•
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
•
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between adjacent products, and
shorts to the heatsink.
Remarks About Using Silicone Grease with a Heatsink
•
When silicone grease is used in mounting this product on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce stress.
•
Coat the back surface of the product and both surfaces of the
insulating plate to improve heat transfer between the product and
the heatsink.
•
Volatile-type silicone greases may permeate the product and
produce cracks after long periods of time, resulting in reduced
heat radiation effect, and possibly shortening the lifetime of the
product.
•
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials
SC102
Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method
•
Torque When Tightening Mounting Screws. Thermal resistance
increases when tightening torque is low, and radiation effects are
decreased. When the torque is too high, the screw can strip, the
heatsink can be deformed, and distortion can arise in the product frame.
To avoid these problems, observe the recommended tightening torques
for this product package type, TO-3P (MT-100): 0.686 to 0.882 N•m (7
to 9 kgf•cm).
• Diameter of Heatsink Hole: < 4 mm. The deflection of the press mold
when making the hole may cause the case material to crack at the joint
with the heatsink. Please pay special attention for this effect.
Soldering
•
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C 10 s
350±5°C
3 s
•
Soldering iron should be at a distance of at least 1.5 mm from the
body of the products
Electrostatic Discharge
•
When handling the products, operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance to ground to prevent shock hazard.
•
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
•
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
•
When soldering the products, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the products.
•
The products should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com