Electronic Components Datasheet Search
  English  ▼

X  

BU4028BFV Datasheet(PDF) 11 Page - Rohm

Part # BU4028BFV
Description  High Voltage CMOS Logic ICs Logic>
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4028BFV Datasheet(HTML) 11 Page - Rohm

Back Button BU4028BFV Datasheet HTML 7Page - Rohm BU4028BFV Datasheet HTML 8Page - Rohm BU4028BFV Datasheet HTML 9Page - Rohm BU4028BFV Datasheet HTML 10Page - Rohm BU4028BFV Datasheet HTML 11Page - Rohm BU4028BFV Datasheet HTML 12Page - Rohm BU4028BFV Datasheet HTML 13Page - Rohm BU4028BFV Datasheet HTML 14Page - Rohm BU4028BFV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
11/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics Curves(BU4538B)
○
Switching Characteristics
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
VDD=16[V]
VDD=10[V]
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.34 Propagation delay tPHL
CD→Q
Fig.35 Propagation delay tPLH
CD→Q
Fig.37 Minimum RESET pulse width
tRESET
Fig.32 Propagation delay tPLH
A→Q
Fig.33 Propagation delay tPHL
A→Q
VDD=3[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=5[V]
VDD=10[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=5[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.38 Output pulse width tWOUT1
(CX=2000[pF],RX=100[kΩ])
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
Fig.39 Output pulse width tWOUT2
(CX=0.1[μF],RX=100[kΩ])
Fig.36 Minimum input pulse width
tWIN
90%
50%
10%
tPLH
tPHL
tTHL
50%
50%
tWOUT
tPLH
50%
90%
10%
50%
90%
10%
50%
90%
10%
tTLH
90%
10%
20[ns]
90%
10%
20[ns]
20[ns]
20[ns]
trr
50%
tPLH
50%
tPLH
90%
10%
50%
50%
tPLH
50%
A
B
CD
Q
Q
20[ns]
20[ns]
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Voltage Range
VDD=5[V]
Operating Voltage Range
[BU4538B]
[BU4538B]
[BU4538B]
[BU4538B]
[BU4538B]
[BU4538B]
[BU4538B]
[BU4538B]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com