Electronic Components Datasheet Search
  English  ▼

X  

BU4028BFV Datasheet(PDF) 12 Page - Rohm

Part # BU4028BFV
Description  High Voltage CMOS Logic ICs Logic>
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4028BFV Datasheet(HTML) 12 Page - Rohm

Back Button BU4028BFV Datasheet HTML 8Page - Rohm BU4028BFV Datasheet HTML 9Page - Rohm BU4028BFV Datasheet HTML 10Page - Rohm BU4028BFV Datasheet HTML 11Page - Rohm BU4028BFV Datasheet HTML 12Page - Rohm BU4028BFV Datasheet HTML 13Page - Rohm BU4028BFV Datasheet HTML 14Page - Rohm BU4028BFV Datasheet HTML 15Page - Rohm BU4028BFV Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
12/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
●
Reference data(BU4028B)
(*) Switching characteristics is shown in P15.
●
Description of BU4015B series model
Function:Dual 4-bit static shift register
1) Description of operation
Dual 4-bit static shift register of BU4015B is configured with 2 independent serial input/parallel output registers of the same 4-state.
Each register is provided with an independent clock and reset input having one series data input. Register state is the D
type master/slave flip-flop. Data is shifted to the next stage during the rise time of the clock. Each register can be cleared
by addition of “H” level to reset.
PIN arrangement
Block diagram
Truth table
PIN description
PIN No.
Symbol
I/O
Function
1
CLOCKB
I
Clock input (CHB)
2
Q3B
O
Output 3 (CHB)
3
Q2A
O
Output 2 (CHA)
4
Q1A
O
Output 1 (CHB)
5
Q0A
O
Output 0 (CHA)
6
RESETA
I
Reset input (CHA)
7
DA
I
Data input (CHA)
8
VSS
―
Power supply(-)
9
CLOCKA
I
Clock input (CHA)
10
Q3A
O
Output 3 (CHA)
11
Q2B
O
Output 2 (CHB)
12
Q1B
O
Output 1 (CHB)
13
Q0B
O
Output 0 (CHB)
14
RESETB
I
Reset input (CHB)
15
DB
I
Data input (CHB)
16
VDD
―
Power supply(+)
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.42 Propagation delay tTLH
Fig.43 Propagation delay tTHL
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.44 Propagation delay tPLH
Fig.45 Propagation delay tPHL
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=10[V]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
Fig.41 Output sink
current-voltage
Fig.40 Output source
current-voltage
-40[℃]
25[℃]
-40[℃]
25[℃]
85[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
85[℃]
25[℃]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
[BU4028B]
[BU4028B]
VDD=10[V]
VDD=15[V]
VDD=5[V]
VDD=10[V]
VDD=15[V]
VDD=5[V]
Operating Temperature Range
Operating Voltage Range
Operating Temperature Range
Operating Temperature Range
[BU4028B]
[BU4028B]
[BU4028B]
[BU4028B]
D
CL
R
Q
Q
D
CL
R
Q
Q
D
CL
R
Q
Q
D
CL
R
Q
Q
D
CLOCK
RESET
Q0
Q1
Q2
Q3
CLOCK
D
RESET
Q0
Q1
Q2
Q3
XX
H
L
L
L
L
No Change
L
X
H
LL
L
L
LQ0
H
Q1
Q2
Q0
Q1
Q2
X:Don't Care
1
2
4
5
6
7
14
13
12
9
CLOCK B
Q0B
Q2B
Q3A
CLOCK A
Q1B
11
3
10
RESET B
Q3B
Q2B
Q1A
Q0A
RESET A
DA
8
VSS
15
D8
16
VDD
CL
R
D
Q3 Q2 Q1 Q0
CL
R
D
Q0 Q1 Q2 Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com