Electronic Components Datasheet Search
  English  ▼

X  

BU4028BFV Datasheet(PDF) 14 Page - Rohm

Part # BU4028BFV
Description  High Voltage CMOS Logic ICs Logic>
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4028BFV Datasheet(HTML) 14 Page - Rohm

Back Button BU4028BFV Datasheet HTML 10Page - Rohm BU4028BFV Datasheet HTML 11Page - Rohm BU4028BFV Datasheet HTML 12Page - Rohm BU4028BFV Datasheet HTML 13Page - Rohm BU4028BFV Datasheet HTML 14Page - Rohm BU4028BFV Datasheet HTML 15Page - Rohm BU4028BFV Datasheet HTML 16Page - Rohm BU4028BFV Datasheet HTML 17Page - Rohm BU4028BFV Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
14/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
1
2
4
5
6
7
14
13
12
9
T1A
CDB
BB
QB
QB
AB
11
3
10
T2B
T2A
CDA
AA
BA
QA
QA
8
VSS
15
T1B
16
VDD
CD
T1
T2
QQ
BA
CD
T1
T2
QQ
BA
CHA
CHB
Block diagram
Truth table
○
Switching characteristics
●
Description of BU4538B series model
Function: Dual high accuracy monostable multivibrator
1) Description of operation
BU4538B is a re-triggerable monostable multi vibrator. Triggering is possible from either edge of the rise time and fall time
of input pulse. Output pulse setting is determined by the time constant (Rx · Cx) of external Rx and Cx.
Recommended output pulse amplitude is 200[μs]~1[s].
(Cautions on use: In case of system power down, etc., electric charge accumulated in the capacity Cx is discharged to the
VDD terminal through protective diode of 2 pins of 14 pins. When the electric current due to accumulated electric charge
exceeds 10[mA], IC may be destructed. When a large capacity Cx is used, electric current flowing into the IC can be
restricted by inserting the diode Dx.)
PIN arrangement
Block diagram
Truth table
PIN description
PIN No. Symbol I/O
Function
1
T1A
―
Passive component
connection pin 1(CHA)
2
T2A
―
Passive component
connection pin 2(CHA)
3
CDA
I
Reset input (CHA)
4
AA
I
Input A(CHA)
5
BA
I
Input B(CHA)
6
QA
O
Output Q(CHA)
7
QAB
O
Output QB(CHA)
8
VSS
―
Power supply(-)
9
QBB
O
Output QB(CHB)
10
QB
O
Output Q(CHB)
11
BB
I
Input B(CHB)
12
AB
I
Input A(CHB)
13
CCB
I
Reset input (CHB)
14
T2B
―
Passive component
connection pin 1(CHB)
15
T1B
―
Passive component
connection pin 2(CHB)
16
VDD
―
Power supply (+)
Vref1
R
S
Q
Q
Q
S
Q
R
Vref2
Enable
Enable
Control
CD
B
A
RX
DX
CX
VDD
VDD
Q
Q
Reset Latch
Output
Latch
A
BCD
OUTPUT
Q
L
HH
H
X:Don't Care
H
HH
H
HL
H
INPUT
L
L
L
Q
H
L
X
8 STAGE
SHIFT REGISTER
CLOCK
SERIAL IN
OUTPUT
ENABLE
8 BIT
LACTH
3 STATE
OUTPUTS
STROBE
Q1
Q8
PARALLEL OUTPUTS
SERIAL
OUTPUT
QS
Q'S
CLOCK
OUTPUT
ENABLE
STROBE
Parallel Output
Qn-1
Q1
Qn
Serial Output
Qs
Q's
Q7
NC
H
Qn-1
Z
Qs
SERIAL
IN
L
X
NC
NC
NC
NC
NC
NC
NC
NC
NC
Q7
Q7
Q7
Z
Z
Z
H
H
H
H
H
H
H
H
H
L
L
L
X
X
X
X
X
Qs
tWH
50%
50%
50%
tPHZ
50%
90%
90%
10%
90%
10%
50%
10%
10%
90%
50%
50%
50%
50%
tWL
50%
tPLH
tTLH
tTHL
tPZH
50%
tPLZ
tPZL
tPHL
tpLH
tpLH
tsu
th
90%
10%
tr
tf
50%
tPHL
tPLH
tpHL
CLOCK
DATA
STROBE
OUTPUT
ENABLE
Q1~Q7
QS
QS'
Q’S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com