Electronic Components Datasheet Search
  English  ▼

X  

DB3W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DB3W
Description  TRIGGER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB3W Datasheet(HTML) 1 Page - Rectron Semiconductor

  DB3W Datasheet HTML 1Page - Rectron Semiconductor DB3W Datasheet HTML 2Page - Rectron Semiconductor DB3W Datasheet HTML 3Page - Rectron Semiconductor DB3W Datasheet HTML 4Page - Rectron Semiconductor DB3W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TRIGGER DIODES
DB3W
Dimensions in inches and (millimeters)
DO214AC(SMA)
2009-03
REV: O
FEATURES
* VBO: 32V/34V/40V VERSIONS
* Low Breakover Current
DESCRIPTION
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
(At TA = 25oC unless otherwise noted)
(At TA = 25oC unless otherwise noted)
RATING
Power Dissipation (@ TA=50oC)
SYMBOL
P
UNITS
mW
A
mW/oC
RATING
Maximum Breakover Voltage Symmetry delta VBO= +VBO - -VBO C=22nF
Minimum Dynamic Breakover Voltage delta I=IBO to IF=10mA (see Fig3)
SYMBOL
UNITS
Breakover Voltage(Forward and Reverse)
Volts
VALUE
Repetitive Peak On-State Current tp=20uA,F=100Hz
ITRM
2
150
4.0
Derate Above +50oC
Storage Temperature Range
TSTG
-40 to + 125
o C
Junction Temperature
125
TJ
o C
VALUE
Min
Min
Max
Max
30
34
28
36
at IBO,C=22nF**
VBO
delta VBO
Volts
5
Volts
5
Minimum Output Voltage* (see Fig 2)
+/-2
Peak Breakover Current at Breakorver Voltage* C=22nF**
Rise Time* (see Fig3)
Leakage Current* VB=0.5VBO max (see Fig1)
25
100
1.5
10
delta V+/-
VO
IBO
tr
IB
uA
uS
uA
Volts
NOTES: 1. *Electrical characteristic applicable in both forward and reverse derections.
2.**Connected in parallel with the devices.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
DB3W-1
DB3W-2
.012 (.305)
.006 (.152)
.008 (.203)
.004 (.102)
.209 (5.31)
.185 (4.70)
.035 (0.89)
.059 (1.50)
.067 (1.70)
.091 (2.31)
.160(4.06)
.180(4.57)
.086 (2.18)
.110 (2.79)
.067 (1.70)
.051 (1.29)
*
*
Molded plastic-JEDEC DO214AC case
Buit- in strain relief,ideal for Automated pick/place assembly
* Weight: 0.064 grams


Similar Part No. - DB3W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB3W YFWDIODE-DB3W Datasheet
89Kb / 3P
Silicon Bidirectional Trigger Diodes
DB3W YFWDIODE-DB3W Datasheet
527Kb / 3P
Silicon Bidirectional Trigger Diodes
logo
Shanghai Shunye Electro...
DB3W SHUNYE-DB3W Datasheet
352Kb / 3P
SILICON BIDIRECTIONAL DIAC
V2.22
logo
DONGGUAN YOU FENG WEI E...
DB3W-150MW YFWDIODE-DB3W-150MW Datasheet
380Kb / 3P
SILICON BIDIRECTIONAL Trigger Diodes
DB3W-SOD123FL YFWDIODE-DB3W-SOD123FL Datasheet
428Kb / 3P
SILICON BIDIRECTIONAL Trigger Diodes
More results

Similar Description - DB3W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
GOOD-ARK Electronics
LLDB-3 GOOD-ARK-LLDB-3 Datasheet
68Kb / 1P
Trigger Diodes
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
TRIGGER DIODES
DB3 RECTRON-DB3 Datasheet
488Kb / 4P
TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3 Datasheet
185Kb / 3P
Trigger Diodes
DB3 GOOD-ARK-DB3_15 Datasheet
185Kb / 3P
Trigger Diodes
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_17 Datasheet
132Kb / 2P
Trigger-Diodes
logo
First Silicon Co., Ltd
DB3 FS-DB3 Datasheet
244Kb / 3P
Trigger Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com