Electronic Components Datasheet Search
  English  ▼

X  

DB3W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DB3W
Description  TRIGGER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB3W Datasheet(HTML) 2 Page - Rectron Semiconductor

  DB3W Datasheet HTML 1Page - Rectron Semiconductor DB3W Datasheet HTML 2Page - Rectron Semiconductor DB3W Datasheet HTML 3Page - Rectron Semiconductor DB3W Datasheet HTML 4Page - Rectron Semiconductor DB3W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( DB3W )
FIG.1 Current-voltage characteristics
FIG.2 Test circuit for output voltage
FIG.3 Test circuit see Fig.2
Adjust R for Ip=0.5A
IF
+
10mA
IBO
IB
V
-
IF
-
V
+
0.5 VBO
V
VBO
10k
500k
D.U.T
R = 20
0.1uF
Vo
220V
50Hz
10 %
90 %
Ip
tr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com