Electronic Components Datasheet Search
  English  ▼

X  

DB3W Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DB3W
Description  TRIGGER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB3W Datasheet(HTML) 3 Page - Rectron Semiconductor

  DB3W Datasheet HTML 1Page - Rectron Semiconductor DB3W Datasheet HTML 2Page - Rectron Semiconductor DB3W Datasheet HTML 3Page - Rectron Semiconductor DB3W Datasheet HTML 4Page - Rectron Semiconductor DB3W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JUNCTION TEMPERATURE, (OC)
AMBIENT TEMPERATURE, (
OC)
1.00
1.08
1.06
1.04
1.02
0
20
40
60
100
120
140
160
80
100
75
25
50
125
150
100
120
140
60
80
20
40
RATING AND CHARACTERISTICS CURVES ( DB3W )
FIG.4 POWER DISSPATION VERSUS AMBIENT
TEMPERATURE (MAXIMUM VALUES)
FIG.5 RELATIVE VARIATION OF VBO VERSUS
JUNCTION TEMPERATURE (TYPICAL VALUES)
tp, PULSE DURATION (uS)
10
0.01
0.1
2.0
1.0
1000
100
10000
FIG.6 PEAK PULSE CURRENT VERSUS
PULSE DURATION (MAXIMUM VALUES)
F=100Hz
TJ initial= 25 OC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com