Electronic Components Datasheet Search
  English  ▼

X  

IRS2158DS Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2158DS
Description  Ballast control and half-bridge driver in one IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158DS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2158DS Datasheet HTML 5Page - International Rectifier IRS2158DS Datasheet HTML 6Page - International Rectifier IRS2158DS Datasheet HTML 7Page - International Rectifier IRS2158DS Datasheet HTML 8Page - International Rectifier IRS2158DS Datasheet HTML 9Page - International Rectifier IRS2158DS Datasheet HTML 10Page - International Rectifier IRS2158DS Datasheet HTML 11Page - International Rectifier IRS2158DS Datasheet HTML 12Page - International Rectifier IRS2158DS Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
IRS2158D(S)
www.irf.com
© 2009 International Rectifier
9
Electrical Characteristics (cont’d)
VCC = VBS = VBIAS=14V +/- 0.25V, CLO = CHO = 1000pF, CT = 1000pF, RFMIN = 15kΩ,
VCPH = VVCO = 0V, VSD/EOL = 0V, VCS = 0V, TA=25 °C unless otherwise specified.
Gate Driver Output Characteristics (HO, LO)
V
OL
Low-Level Output Voltage
---
0
100
IO = 0
V
OH
High-Level Output Voltage
---
0
100
mV
VBIAS - VO , IO = 0
tr
Turn-On Rise Time
---
120
180
tf
Turn-Off Fall Time
---
50
100
ns
CHO=CLO= 1nF
I0+
Source Current
---
180
---
I0-
Sink Current
---
260
---
mA
Bootstrap FET Characteristics
VBON
VB when the bootstrap FET is on
13.7
14.0
---
V
IBCAP
VB source current when FET is on
30
55
---
VB = COM
IB10V
VB source current when FET is on
8
12
---
mA
VB=10V
Op Amp Characteristics
Iib
NINV and INV pin Input bias current
---
---
0.1
µA
Vio
Input Offset Voltage
-10
0
10
mV
IOUT+
OUT pin Sink Output Current
---
12
---
INV=7V, NINV=0V
IOUT-
OUT pin Source Output Current
---
14
---
mA
INV=7V, NINV=14V
Vic
Common Mode Input Range
0
---
11.5
V
Unity Gain BW
Operational Amplifier Band Width
---
2.0
---
MHz
GDC
DC Open Loop Gain
---
110
---
dB
Guaranteed By
Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com