Electronic Components Datasheet Search
  English  ▼

X  

IRS2158DS Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2158DS
Description  Ballast control and half-bridge driver in one IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158DS Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2158DS Datasheet HTML 9Page - International Rectifier IRS2158DS Datasheet HTML 10Page - International Rectifier IRS2158DS Datasheet HTML 11Page - International Rectifier IRS2158DS Datasheet HTML 12Page - International Rectifier IRS2158DS Datasheet HTML 13Page - International Rectifier IRS2158DS Datasheet HTML 14Page - International Rectifier IRS2158DS Datasheet HTML 15Page - International Rectifier IRS2158DS Datasheet HTML 16Page - International Rectifier IRS2158DS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
IRS2158D(S)
www.irf.com
© 2009 International Rectifier
13
State Diagram
VCC < 10.5V (VCCUV-)
(VCC Fault or Power Down)
or
VDC- < 3.0V
UVLO Mode
1/
2-Bridge Off
IQCCUV ~250uA
CPH = 0V
VCO = 0V (Oscillator Off)
PREHEAT Mode
1/2-Bridge oscillating@ fPH
VCO = 0V
RPH // RFMIN
CPH Charging through RCPH
CS Fault Counter Enabled
VCC > 12.5V (VCCUV+)
and
VDC+ > 5.0V
and
SD/EOL<3.0V (VSDTH-)
Power Turned On
FAULT Mode
Fault Latch Set
1/
2-Bridge Off
IQCCFLT ~ 350uA
CPH = 0V
VCO = 0V (Oscillator Off)
VFMIN = 0V
CS>1.2V
SD/EOL > 5.0V (VSDTH+)
(Lamp Removal)
or
VCC < 10.5V (VCCUV-)
(Power Turned Off)
CPH > (2/3)*VCC
(End of PREHEAT Mode)
IGNITION Mode
CPH charging through RCPH
VCO charging through RPH
CS Shutdown Disabled
EOL Shutdown Disabled
Regulated ignition frequency
or
or
RUN Mode
VCO = 5V
1/2-Bridge Oscillating@fRUN
CS Fault Counter Enabled
EOL Thresholds Enabled
CS > 1.2V for
60 events
CPH > (1/2)*VCC
(End of IGNITION Mode)
CS Regulation
VCO discharged
slightly with
current sink
CS<1.2V
CPH discharged
CPH < (1/3)*VCC
(Start of IGNITION Mode)
CPH > (2/3)*VCC
(End of PRE-RUN Mode)
PRE-RUN Mode
CPH charging through RCPH
VCO charging through RPH
frequency ramps to fRUN
CS One Fault Enabled
EOL Shutdown Disabled
CS > 1.2V (VCSTH+)
SD/EOL>5.0V (VSDTH+)
SD/EOL>5.0V (VSDTH+)
For 60 LO Cycles
CS > 1.2V (VCSTH+) for 60 events
SD/EOL < 1.0V (VEOLTH-)
SD/EOL > 3.0V (VEOLTH+)
For 60 LO Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com