Electronic Components Datasheet Search
  English  ▼

X  

IRS2158DS Datasheet(PDF) 14 Page - International Rectifier

Part # IRS2158DS
Description  Ballast control and half-bridge driver in one IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158DS Datasheet(HTML) 14 Page - International Rectifier

Back Button IRS2158DS Datasheet HTML 10Page - International Rectifier IRS2158DS Datasheet HTML 11Page - International Rectifier IRS2158DS Datasheet HTML 12Page - International Rectifier IRS2158DS Datasheet HTML 13Page - International Rectifier IRS2158DS Datasheet HTML 14Page - International Rectifier IRS2158DS Datasheet HTML 15Page - International Rectifier IRS2158DS Datasheet HTML 16Page - International Rectifier IRS2158DS Datasheet HTML 17Page - International Rectifier IRS2158DS Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
IRS2158D(S)
www.irf.com
© 2009 International Rectifier
14
Timing Diagram Ballast Section
VCC
HO, LO
UVLO+
15.6V
UVLO-
CPH
CS
PH
RUN
UVLO
UVLO
1.2V
FREQ
(2/3)*VCC
5V
f
ph
f
run
FAULT
PH
SD
LO
CS
HO
LO
CS
HO
(1/3)*VCC
IGN
LO
CS
HO
IGN
1.2V
VCO
tRAMP=RPH*CVCO
(RFMIN//RPH)
(RFMIN)
CT
2V
5V
DT
CT
2V
5V
CT
2V
5V
(1/2)*VCC
PRE
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com